Electronic Components Datasheet Search
  English  ▼

X  

19591254 Datasheet (PDF) - Chicago Miniature Lamp,inc

19591254 Datasheet PDF - Chicago Miniature Lamp,inc
Part # 19591254
Download  19591254 Download
File Size   424.86 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description LED Indicator 5mm For Flush Mounting Tri-Colour LED

19591254 Datasheet (PDF)

Go To PDF Page Download Datasheet
19591254 Datasheet PDF - Chicago Miniature Lamp,inc

Part # 19591254
Download  19591254 Click to download

File Size   424.86 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description LED Indicator 5mm For Flush Mounting Tri-Colour LED

19591254 Datasheet (HTML) - Chicago Miniature Lamp,inc




Similar Part No. - 19591254

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
19591251 CML-19591251 Datasheet
386Kb / 1P
LED Indicator 5mm for Flush Mounting
19591252 CML-19591252 Datasheet
386Kb / 1P
LED Indicator 5mm for Flush Mounting
19591253 CML-19591253 Datasheet
386Kb / 1P
LED Indicator 5mm for Flush Mounting
1959125X CML-1959125X Datasheet
386Kb / 1P
LED Indicator 5mm for Flush Mounting
More results


Similar Description - 19591254

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1910X004 CML-1910X004 Datasheet
386Kb / 1P
LED Indicator 8mm Superflat Bezel Tri-Colour LED
1924X004 CML-1924X004 Datasheet
360Kb / 1P
LED Indicator 14mm Standard Tri-Colour
19590X54 CML-19590X54 Datasheet
425Kb / 1P
LED Indicator 5mm For Flush Mounting Tri-Colour LED
19592X54 CML-19592X54 Datasheet
424Kb / 1P
LED Indicator 5mm For Flush Mounting Tri-Colour LED
1959025X CML-1959025X Datasheet
387Kb / 1P
LED Indicator 5mm for Flush Mounting
1959035X CML-1959035X Datasheet
387Kb / 1P
LED Indicator 5mm for Flush Mounting
1959125X CML-1959125X Datasheet
386Kb / 1P
LED Indicator 5mm for Flush Mounting
1959135X CML-1959135X Datasheet
386Kb / 1P
LED Indicator 5mm for Flush Mounting
1959225X CML-1959225X Datasheet
387Kb / 1P
LED Indicator 5mm for Flush Mounting
1959235X CML-1959235X Datasheet
387Kb / 1P
LED Indicator 5mm for Flush Mounting
More results




About Chicago Miniature Lamp,inc


Chicago Miniature Lamp, Inc. (CML) is a manufacturer of miniature and subminiature incandescent lamps, LEDs (Light-Emitting Diodes), and other lighting products. The company was founded in 1931 and is headquartered in Illinois, USA.

CML's products are used in a wide range of applications such as automotive, aerospace, medical, and industrial equipment. They offer a broad range of lighting solutions including T-1 through T-5mm LED lamps, PCB mountable LED indicators, and miniature incandescent lamps.

CML is known for their innovation in the lighting industry, having introduced many new technologies over the years. They have also built a reputation for quality and reliability, with a strong focus on customer service.

In addition to their standard products, CML provides customized lighting solutions to meet specific customer requirements. They have manufacturing facilities in the United States and Asia, and serve customers in over 50 countries.

Overall, CML is a trusted and reputable manufacturer of miniature lighting products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com