Electronic Components Datasheet Search
  English  ▼

X  

70V06L Datasheet (PDF) - Renesas Technology Corp

70V06L Datasheet PDF - Renesas Technology Corp
Part # 70V06L
Download  70V06L Download
File Size   305.05 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM

70V06L Datasheet (PDF)

Go To PDF Page Download Datasheet
70V06L Datasheet PDF - Renesas Technology Corp

Part # 70V06L
Download  70V06L Click to download

File Size   305.05 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM

70V06L Datasheet (HTML) - Renesas Technology Corp


70V06L Product details

Features
◆ True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
◆ High-speed access
– Commercial: 15ns (max.)
– Industrial: 20ns (max.)
◆ Low-power operation
– IDT70V06L
Active: 380mW (typ.)
Standby: 660μW (typ.)
◆ IDT70V06 easily expands data bus width to 16 bits or more
using the Master/Slave select when cascading more than
one device
◆ M/S = VIH for BUSY output flag on Master
M/S = VIL for BUSY input on Slave
◆ Interrupt Flag
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling
between ports
◆ Fully asynchronous operation from either port
◆ Battery backup operation—2V data retention
◆ TTL-compatible, single 3.3V (±0.3V) power supply
◆ Available in a 68-pin PLCC and a 64-pin TQFP
◆ Industrial temperature range (-40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 70V06L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V06L15GG IDT-70V06L15GG Datasheet
682Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
70V06L15GG IDT-70V06L15GG Datasheet
207Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
70V06L15GG8 IDT-70V06L15GG8 Datasheet
682Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
70V06L15GG8 IDT-70V06L15GG8 Datasheet
207Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
70V06L15GGI IDT-70V06L15GGI Datasheet
682Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
More results


Similar Description - 70V06L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_15 Datasheet
682Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com