Electronic Components Datasheet Search
  English  ▼

X  

1380466 Datasheet (PDF) - PHOENIX CONTACT

1380466 Datasheet PDF - PHOENIX CONTACT
Part # 1380466
Download  1380466 Download
File Size   1461.3 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CHARX-PROTECT-11-22KW - Type 2 surge arrester

1380466 Datasheet (PDF)

Go To PDF Page Download Datasheet
1380466 Datasheet PDF - PHOENIX CONTACT

Part # 1380466
Download  1380466 Click to download

File Size   1461.3 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CHARX-PROTECT-11-22KW - Type 2 surge arrester

1380466 Datasheet (HTML) - PHOENIX CONTACT


1380466 Product details

CHARX protect retrofit, surge protection set for protecting charging stations with an output of
11 kW ... 22 kW, such as home chargers. Surge protective device consisting of a base element
with Push-in connection technology, remote indication contact, and protective plugs, nominal
voltage: 230 V AC, 3+1 wiring

Product Description
CHARX-PROTECT-11-22KW is a surge protection set optimized for use with charging stations. The cable gland specifically selected for this
purpose enables the insertion of commercially available H07RN-F cables of 2.5 mm2 to 6 mm2, without restricting the IP protection class.
Your advantages
• Fast installation and startup
• Flexible use with charging stations of 1 kW ... 22 kW
• Flexible selection of cable cross-sections thanks to the variable sealing area
• Time savings during wiring thanks to push-in connection technology
• No additional installation material required thanks to the through-wiring




Similar Part No. - 1380466

ManufacturerPart #DatasheetDescription
logo
Heyco.
13804 HEYCO-13804 Datasheet
137Kb / 1P
Pry Out Bushings
More results


Similar Description - 1380466

ManufacturerPart #DatasheetDescription
logo
EPCOS
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
Surge Arrester 2-Electrode-Arrester
B88069X0660S102 EPCOS-B88069X0660S102 Datasheet
124Kb / 4P
Surge arrester 2-electrode arrester
B88069X0590S102 EPCOS-B88069X0590S102 Datasheet
123Kb / 4P
Surge arrester 2-electrode arrester
B88069X9271S102 EPCOS-B88069X9271S102 Datasheet
66Kb / 4P
Surge arrester 2-electrode arrester
M50_A350X EPCOS-M50_A350X Datasheet
122Kb / 4P
Surge arrester 2-electrode arrester
B88069X3651T502 EPCOS-B88069X3651T502 Datasheet
73Kb / 5P
SURGE ARRESTER 2-electrode arrester
B88069X7200B502 EPCOS-B88069X7200B502 Datasheet
62Kb / 4P
SURGE ARRESTER 2-electrode arrester
B88069X8080B502 EPCOS-B88069X8080B502 Datasheet
59Kb / 4P
SURGE ARRESTER 2-electrode arrester
B88069X2670T902 EPCOS-B88069X2670T902 Datasheet
101Kb / 2P
SURGE ARRESTER 2-electrode arrester
B88069X720S102 EPCOS-B88069X720S102 Datasheet
101Kb / 4P
Surge arrester 2-electrode arrester
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com