Electronic Components Datasheet Search
  English  ▼

X  

STM8AF6386TCX Datasheet (PDF) - STMicroelectronics

STM8AF6386TCX Datasheet PDF - STMicroelectronics
Part # STM8AF6386TCX
Download  STM8AF6386TCX Download
File Size   2011.84 Kbytes
Page   116 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V

STM8AF6386TCX Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8AF6386TCX Datasheet PDF - STMicroelectronics

Part # STM8AF6386TCX
Download  STM8AF6386TCX Click to download

File Size   2011.84 Kbytes
Page   116 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V

STM8AF6386TCX Datasheet (HTML) - STMicroelectronics


STM8AF6386TCX Product details

Features
• AEC-Q10x qualified
• Core
– Max fCPU: 24 MHz
– Advanced STM8A core with Harvard
architecture and 3-stage pipeline
– Average 1.6 cycles/instruction resulting in
10 MIPS at 16 MHz fCPU for industry
standard benchmark
• Memories
– Program memory: 32 to 128 Kbyte Flash
program; data retention 20 years at 55 °C
– Data memory: up to 2 Kbyte true data
EEPROM; endurance 300 kcycle
– RAM: 6 Kbyte
• Clock management
– Low-power crystal resonator oscillator with
external clock input
– Internal, user-trimmable 16 MHz RC and
low-power 128 kHz RC oscillators
– Clock security system with clock monitor
• Reset and supply management
– Wait/auto-wakeup/Halt low-power modes
with user definable clock gating
– Low consumption power-on and powerdown
reset
• Interrupt management
– Nested interrupt controller with 32 vectors
– Up to 37 external interrupts on 5 vectors
• Timers
– 2 general purpose 16-bit timers with up to 3
CAPCOM channels each (IC, OC, PWM)
– Advanced control timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, deadtime
insertion and flexible synchronization
– 8-bit AR basic timer with 8-bit prescaler
– Auto-wakeup timer
– Window and independent watchdog timers
• I/Os
– Up to 68 user pins (11 high sink I/Os)
– Highly robust I/O design, immune against
current injection
• Communication interfaces
– USART with clock output for synchronous
operation - LIN master mode
– LINUART LIN 2.2 compliant, master/slave
modes with automatic resynchronization
– SPI interface up to 10 Mbit/s or fMASTER/2
– I2C interface up to 400 Kbit/s
• Analog to digital converter (ADC)
– 10-bit resolution, 2 LSB TUE, 1 LSB
linearity and up to 16 multiplexed channels
• Operating temperature up to 150 °C
• Qualification conforms to AEC-Q100 grade 0




Similar Part No. - STM8AF6386TCX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AF6346ITA STMICROELECTRONICS-STM8AF6346ITA Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF6346ITC STMICROELECTRONICS-STM8AF6346ITC Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF6346ITD STMICROELECTRONICS-STM8AF6346ITD Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF6346IUA STMICROELECTRONICS-STM8AF6346IUA Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF6346IUC STMICROELECTRONICS-STM8AF6346IUC Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
More results


Similar Description - STM8AF6386TCX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AF61XX STMICROELECTRONICS-STM8AF61XX Datasheet
1Mb / 100P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
22-Aug-2008
STM8AF6268 STMICROELECTRONICS-STM8AF6268 Datasheet
1Mb / 89P
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
18-Jul-2012
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AF526X STMICROELECTRONICS-STM8AF526X Datasheet
1Mb / 125P
Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
10-Nov-2016
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
26-Jun-2015
STM8S001J3 STMICROELECTRONICS-STM8S001J3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
29-Jun-2017
STM8AF6213 STMICROELECTRONICS-STM8AF6213_V01 Datasheet
2Mb / 112P
Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
01-Apr-2020
STM8S001J3 STMICROELECTRONICS-STM8S001J3_V01 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
26-Aug-2020
STM8AF6366 STMICROELECTRONICS-STM8AF6366 Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com