Electronic Components Datasheet Search
  English  ▼

X  

IDQ Datasheet (PDF) - TDK Electronics

IDQ Datasheet PDF - TDK Electronics
Part # IDQ
Download  IDQ Download
File Size   1935.85 Kbytes
Page   6 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 300W, 9 to 53V Input Non-Isolated Ruggedized DC-DC Buck-Boost Converters

IDQ Datasheet (PDF)

Go To PDF Page Download Datasheet
IDQ Datasheet PDF - TDK Electronics

Part # IDQ
Download  IDQ Click to download

File Size   1935.85 Kbytes
Page   6 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 300W, 9 to 53V Input Non-Isolated Ruggedized DC-DC Buck-Boost Converters

IDQ Datasheet (HTML) - TDK Electronics


IDQ Product details

Features
• Up to 300W in a 1/16th Brick-Pin-Out
• Encapsulated in a 5-sided Aluminum case
• 115°C maximum case temperature
• Efficiency - Up to 97%
• Wide Output Adjustment from 5 up to 48V
• Wide Input Range from 9 to 53V
• Buck-Boost - maintains output regulation even when input varies

Benefits
• High Power Density, Less Board Area Needed
• Improves EMI
• Rugged deployment in harsh environment with high shock & vibration exposure
• Longer Battery Life / Low Power Consumed
• One Part Supports Multiple System Voltages
• Can Operate from Different DC Input Source Voltages
• Extends run times on battery-powered equipment




Similar Part No. - IDQ

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IDQ48010A480V-001-R TDK-IDQ48010A480V-001-R Datasheet
852Kb / 2P
10A, 75VDC EMI Filters
IDQ48010A480V-002-R TDK-IDQ48010A480V-002-R Datasheet
852Kb / 2P
10A, 75VDC EMI Filters
IDQ48010A480V-003-R TDK-IDQ48010A480V-003-R Datasheet
852Kb / 2P
10A, 75VDC EMI Filters
logo
Integrated Device Techn...
IDQS34X245 IDT-IDQS34X245 Datasheet
53Kb / 5P
QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
IDQS34X245Q3 IDT-IDQS34X245Q3 Datasheet
53Kb / 5P
QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
More results


Similar Description - IDQ

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NGA CANDD-NGA Datasheet
101Kb / 3P
Non-Isolated Wide Input DC-DC Converters
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
logo
Emerson Network Power
SIP20C EMERSON-NETWORKPOWER-SIP20C Datasheet
92Kb / 2P
DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators
logo
Murata Manufacturing Co...
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
Non-Isolated, Wide Input SMT DC/DC Converters
NDC_NGA MURATA-NDC_NGA_5 Datasheet
185Kb / 5P
Non-Isolated Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP300DF TOPPOWER-TP300DF Datasheet
656Kb / 3P
300W~400W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
TDK Electronics
RGA24250W014A-001 TDK-RGA24250W014A-001_V01 Datasheet
1Mb / 6P
250W, 9 to 40V, or 9 to 53V Input Non-Isolated Ruggedized DC-DC Buck Converters
June 30th, 2022 V1
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com