Electronic Components Datasheet Search
  English  ▼

X  

749024015C Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

749024015C Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 749024015C
Download  749024015C Download
File Size   401.09 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description LAN-Transformer WE-LAN High Voltage

749024015C Datasheet (PDF)

Go To PDF Page Download Datasheet
749024015C Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 749024015C
Download  749024015C Click to download

File Size   401.09 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description LAN-Transformer WE-LAN High Voltage

749024015C Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


749024015C Product details

Hochspannungsprüfung / Hipot test: 1500Vrms 1min.
Geeignet für 10/100Base-TX gemäß IEEE 802.3u /
Coplanarität / Coplanarity: < 0,1 mm
Designed to comply with IEC60601-1 with 4mm min. creepage and
2,4mm min. clearance distance for 1xMOOP
Betriebstemp. / operating temperature: -40°C - + 85°C
Designed gemäß IEC60601-1 mit 4mm min. Kriech- und 2,4mm min.
Luftstrecke für 1xMOOP
Auto MDIX fähig / Auto MDIX capable




Similar Part No. - 749024015C

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749024012 WURTH-749024012 Datasheet
152Kb / 1P
TRANSFORMER
7490240120 WURTH-7490240120 Datasheet
565Kb / 6P
WE-LAN 1000Base-T SMT Transformer
003.000
7490240121 WURTH-7490240121 Datasheet
602Kb / 7P
WE-LAN 10/100/1000 Base-T SMT Transformer 1 Port
002.000
7490240140 WURTH-7490240140 Datasheet
557Kb / 6P
WE-LAN 10/100/1000 Base-T SMT Transformer 1 Port
002.001
7490240141 WURTH-7490240141 Datasheet
560Kb / 6P
WE-LAN 10/100/1000 Base-T SMT Transformer 1 Port
002.000
More results


Similar Description - 749024015C

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749010012 WURTH-749010012 Datasheet
169Kb / 3P
LAN-Transformer WE-LAN
749023010A WURTH-749023010A Datasheet
373Kb / 3P
LAN-Transformer WE-LAN
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
LAN-Transformer WE-LAN
749020100A WURTH-749020100A Datasheet
221Kb / 3P
LAN-Transformer WE-LAN
749020111A WURTH-749020111A Datasheet
277Kb / 3P
LAN-Transformer WE-LAN
2016-02-16 Version 03
7490140117C WURTH-7490140117C Datasheet
542Kb / 3P
LAN-Transformer WE-LAN High Voltage
2019-01-25 Version 01
7490140122B WURTH-7490140122B Datasheet
188Kb / 3P
LAN-Transformer WE-LAN High Voltage
2018-03-28 Version 02
7490140123B WURTH-7490140123B Datasheet
191Kb / 3P
LAN-Transformer WE-LAN High Voltage
2018-03-28 Version 01
7490220120 WURTH-7490220120_V01 Datasheet
209Kb / 3P
LAN-Transformer WE-LAN
2018-09-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com