Electronic Components Datasheet Search
  English  ▼

X  

LE89156PQC Datasheet (PDF) - Microsemi Corporation

LE89156PQC Datasheet PDF - Microsemi Corporation
Part # LE89156PQC
Download  LE89156PQC Download
File Size   141.98 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Single Channel Wideband FXS

LE89156PQC Datasheet (PDF)

Go To PDF Page Download Datasheet
LE89156PQC Datasheet PDF - Microsemi Corporation

Part # LE89156PQC
Download  LE89156PQC Click to download

File Size   141.98 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Single Channel Wideband FXS

LE89156PQC Datasheet (HTML) - Microsemi Corporation


LE89156PQC Product details

Features
• Complete BORSCHT Functions in a Single
48-Pin QFN Package
- Battery feed, Over-voltage support,
integrated Ringing, line Supervision,
Codec, Hybrid (2W/4W), and Test
- Combines VE8910 SLIC and SLAC devices
• Integrated Power Management
- Built-in DC/DC controller configurable for
inverting-boost or flyback operation
- Input voltage (VSW) range: +4.4 V to +15 V
- Low power idle mode
• Worldwide Programmability
- Input impedance, balance impedance, gain
- DC feed voltage and current limit
- Ringing frequency, voltage and current limit
- Caller ID Generation based on Telcordia,
ETSI, and NTT standards
- Call progress tone generation
- Sample coefficients for 44 countries
• Ringing
- 5 REN Support
- Up to 92-VPK internal balanced sinusoidal
• VoicePath API-II Software Available to
Implement FXS Functions
- Significantly reduces development and
testing time
- Configuration via VoicePath Profile Wizard
• Wideband 16 kHz Sampling Mode
• G.711 μ-Law, A-Law, or 16-Bit Linear Coding
• Supported by SDK, Line Module, and
Reference Designs
• VeriVoice Software Suites Available for
Manufacturing and Subscriber Loop Testing
• Small Footprint Package - Exposed Pad
48-Pin QFN, 7x7x0.9 mm
• Pb-Free, RoHS-Compliant
• -40°C to 85°C Operating Range

Applications
• DSL Residential Gateways and Integrated
Access Devices (IADs)
• Cable eMTAs
• PON Single Family Units (SFUs)
• Broadband VoIP Gateways




Similar Part No. - LE89156PQC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LE80AB STMICROELECTRONICS-LE80AB Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE80AB STMICROELECTRONICS-LE80AB Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE80ABD STMICROELECTRONICS-LE80ABD Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE80ABDTR STMICROELECTRONICS-LE80ABDTR Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE80ABZ STMICROELECTRONICS-LE80ABZ Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
More results


Similar Description - LE89156PQC

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI32178-B-FM SILICONIMAGE-SI32178-B-FM Datasheet
91Kb / 2P
ProSLIC짰 Single-Chip FXS Solution with FXO Option
logo
Silicon Laboratories
SI32178-B-FM SILABS-SI32178-B-FM Datasheet
91Kb / 2P
ProSLIC Single-Chip FXS Solution with FXO Option
SI3219X SILABS-SI3219X Datasheet
287Kb / 3P
ProSLIC짰 Single FXS Solution
SI3228X SILABS-SI3228X Datasheet
319Kb / 3P
ProSLIC짰 Single-Chip Dual FXS Solution
logo
Skyworks Solutions Inc.
SI3217X-C SKYWORKS-SI3217X-C Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
SI3217XB SKYWORKS-SI3217XB Datasheet
1Mb / 50P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH FXO OPTION
Rev. 1.5 August 12, 2021
SI3218X SKYWORKS-SI3218X Datasheet
1Mb / 43P
ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
SI3219X SKYWORKS-SI3219X Datasheet
1Mb / 32P
ProSLIC® Single FXS Solution
Rev. 1.0 October 6, 2021
SI3228X SKYWORKS-SI3228X Datasheet
1Mb / 42P
ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.0 August 11, 2021
SI3229X SKYWORKS-SI3229X Datasheet
1Mb / 43P
ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.1 July 26, 2021
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com