Electronic Components Datasheet Search
  English  ▼

X  

82C54 Datasheet (PDF) - Renesas Technology Corp

82C54 Datasheet PDF - Renesas Technology Corp
Part # 82C54
Download  82C54 Download
File Size   679.23 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Programmable Interval Timer

82C54 Datasheet (PDF)

Go To PDF Page Download Datasheet
82C54 Datasheet PDF - Renesas Technology Corp

Part # 82C54
Download  82C54 Click to download

File Size   679.23 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Programmable Interval Timer

82C54 Datasheet (HTML) - Renesas Technology Corp


82C54 Product details

The Intersil 82C54 is a high performance CMOS
Programmable Interval Timer manufactured using an
advanced 2 micron CMOS process.
The 82C54 has three independently programmable and
functional 16-bit counters, each capable of handling clock
input frequencies of up to 8MHz (82C54) or 10MHz
(82C54-10) or 12MHz (82C54-12).
The high speed and industry standard configuration of the
82C54 make it compatible with the Intersil 80C86, 80C88,
and 80C286 CMOS microprocessors along with many
other industry standard processors. Six programmable
timer modes allow the 82C54 to be used as an event
counter, elapsed time indicator, programmable one-shot,
and many other applications. Static CMOS circuit design
insures low power operation.
The Intersil advanced CMOS process results in a significant
reduction in power with performance equal to or greater than
existing equivalent products.

Features
• 8MHz to 12MHz Clock Input Frequency
• Compatible with NMOS 8254
- Enhanced Version of NMOS 8253
• Three Independent 16-Bit Counters
• Six Programmable Counter Modes
• Status Read Back Command
• Binary or BCD Counting
• Fully TTL Compatible
• Single 5V Power Supply
• Low Power
- ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10µA
- ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA at 8MHz
• Operating Temperature Ranges
- CX82C54 . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
- IX82C54 . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
- MD82C54 . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - 82C54

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82C54 INTEL-82C54 Datasheet
239Kb / 18P
CHMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
CMOS Programmable Interval Timer
March 1997
logo
Intel Corporation
82C54 INTEL-82C54 Datasheet
239Kb / 18P
CHMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
386Kb / 22P
CMOS Programmable Intervel Timer
July 11, 2005
logo
Unisonic Technologies
82C54 UTC-82C54 Datasheet
430Kb / 20P
VOLTAGE DETECTORS
More results


Similar Description - 82C54

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8254 INTEL-8254 Datasheet
835Kb / 21P
PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
CMOS Programmable Interval Timer
March 1997
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
Programmable Interval Timer
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
CMOS Programmable Interval Timer
November 26, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com