Electronic Components Datasheet Search
  English  ▼

X  

2SK3305 Datasheet (PDF) - Renesas Technology Corp

2SK3305 Datasheet PDF - Renesas Technology Corp
Part # 2SK3305
Download  2SK3305 Download
File Size   306.8 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SWITCHINGN-CHANNEL POWER MOS FET

2SK3305 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3305 Datasheet PDF - Renesas Technology Corp

Part # 2SK3305
Download  2SK3305 Click to download

File Size   306.8 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SWITCHINGN-CHANNEL POWER MOS FET

2SK3305 Datasheet (HTML) - Renesas Technology Corp


2SK3305 Product details

DESCRIPTION
The 2SK3305 is N-channel DMOS FET device that
features a low gate charge and excellent switching
characteristics, and designed for high voltage applications
such as switching power supply, AC adapter.


FEATURES

• Low gate charge
QG = 13 nC TYP. (VDD = 400 V, VGS = 10 V, ID = 5.0 A)
• Gate voltage rating: ±30 V
• Low on-state resistance
RDS(on) = 1.5 Ω MAX. (VGS = 10 V, ID = 2.5 A)
• Avalanche capability ratings




Similar Part No. - 2SK3305

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3305 NEC-2SK3305 Datasheet
76Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Guangdong Kexin Industr...
2SK3305 KEXIN-2SK3305 Datasheet
43Kb / 1P
MOS Field Effect Transistor
logo
Inchange Semiconductor ...
2SK3305 ISC-2SK3305 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
NEC
2SK3305-S NEC-2SK3305-S Datasheet
76Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3305-S ISC-2SK3305-S Datasheet
326Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK3305

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP134A11A1SR TOREX-XP134A11A1SR Datasheet
61Kb / 4P
P-Channel Power MOS FET
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
N-Channel Power MOS FET
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
N-Channel Power MOS FET
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
N-Channel Power MOS FET
XP132A0265SR TOREX-XP132A0265SR Datasheet
187Kb / 4P
P-Channel Power MOS FET
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
N-Channel Power MOS FET
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
N-channel Power MOS FET
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
N-channel Power MOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com