Electronic Components Datasheet Search
  English  ▼

X  

ASL2417SHN Datasheet (PDF) - NXP Semiconductors

ASL2417SHN Datasheet PDF - NXP Semiconductors
Part # ASL2417SHN
Download  ASL2417SHN Download
File Size   1385.23 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Enhanced two channel LED buck driver with limp-home

ASL2417SHN Datasheet (PDF)

Go To PDF Page Download Datasheet
ASL2417SHN Datasheet PDF - NXP Semiconductors

Part # ASL2417SHN
Download  ASL2417SHN Click to download

File Size   1385.23 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Enhanced two channel LED buck driver with limp-home

ASL2417SHN Datasheet (HTML) - NXP Semiconductors


ASL2417SHN Product details

General description
The ASL2417SHN has a hysteretic buck DC-to-DC topology. With input voltages from
10 V to 80 V, it allows maximum flexibility on output voltages for each channel, enabling
applications with up to 20 LEDs. It also provides an output current of up to and above
1.5 A per channel.1 Furthermore, the output channels can be connected together to
provide an even higher current. It drives an external high-side N channel MOSFET from
an internally regulated adjustable supply. The ASL2417SHN buck driver gives a flexible
system design which can be used to drive two LED strings with the same architecture.
The ASL2417SHN provides an SPI interface for extensive control and diagnostic
communication with an external microcontroller. Furthermore, the ASL2417SHN
integrates a customer programmable Limp-home mode. It allows configurable operation in
Limp-home mode in case SPI communication with the microcontroller has failed.
The ASL2417SHN offers an adjustable hysteresis for optimizing external components as
well as minimizing LED current ripple.
In addition, the ASL2417SHN provides an output voltage of up to 70 V. It has a
measurement capability that can be used to identify LED open or short circuit conditions.
The microcontroller can read this voltage and use it to detect open or short circuit
conditions. There are also additional diagnostic features such as current reached status.
Additional features include input under-voltage lockout and thermal shutdown when the
junction temperature of the ASL2417SHN exceeds +175 C.
It is housed in a very small HVQFN32 pin package with an exposed thermal pad and is
designed to meet the stringent requirements of automotive applications. It is fully AEC
Q100 grade 1 qualified. It operates over the ambient automotive temperature range of
40 C to +125 C.

Features and benefits
 The ASL2417SHN is an automotive grade product that is AEC-Q100 grade 1 qualified.
 Operating ambient temperature range of 40 C to +125 C
 Wide operating input voltage range from +10 V to +80 V
 Able to drive up to 20 LEDs, wide operating LED voltage range regulated from 2.5 V to
70 V
 Output current of up to and above 1.5 A with high LED current accuracy of 5 % over
the complete operating temperature range
 Output current programmable via SPI interface
 Read back programmed current via SPI
 Customer programmable Limp-home mode.
 Two output current ranges, programmable via SPI interface with 5 % accuracy
 Hysteretic converter
 Fast gate drive for high efficiency
 Programmable internal gate driver voltage regulator
 Support logic level and standard level FETs
 Integrated bootstrap diode
 PWM inputs for individual dimming of each channel
 Low Electro Magnetic Emission (EME) and high Electro Magnetic Immunity (EMI)
 Input voltage monitoring and input under voltage protection
 Output voltage monitoring
 Control signal to enable the device
 Junction temperature monitoring via SPI
 Small package outline HVQFN32
 Low quiescent current < 5A at 25 C when EN = 0
 Short-circuit and open-circuit output protection

Applications
 Automotive LED lighting
 Daytime running lights
 Position or park light
 Low beam
 High beam
 Turn indicator
 Fog light
 Cornering light
 Advanced front lighting




Similar Part No. - ASL2417SHN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ASL2416SHN NXP-ASL2416SHN Datasheet
1Mb / 37P
Enhanced two channel LED buck driver
Rev. 6 - 16 September 2019
More results


Similar Description - ASL2417SHN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7235E INFINEON-TLE7235E Datasheet
738Kb / 37P
8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
Rev. 1.0, October 2008
TLE7239GS INFINEON-TLE7239GS Datasheet
729Kb / 37P
8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
Rev. 1.0, October 2008
TLE7238GS INFINEON-TLE7238GS Datasheet
723Kb / 37P
8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
Rev. 1.0, October 2008
TLE7235G INFINEON-TLE7235G Datasheet
715Kb / 37P
8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
Rev. 1.0, October 2008
logo
Linear Technology
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
16-Channel 50mA LED Driver with Buck Controller
logo
Infineon Technologies A...
TLE7233G INFINEON-TLE7233G_15 Datasheet
937Kb / 33P
4 channel low-side driver with limp home
Rev. 1.2, May 2014
logo
NXP Semiconductors
ASL1507SHN NXP-ASL1507SHN Datasheet
551Kb / 56P
Single-phase and two-phase boost converter with limp-home mode
Rev. 1 ??26 April 2018
ASL2416SHN NXP-ASL2416SHN Datasheet
1Mb / 37P
Enhanced two channel LED buck driver
Rev. 6 - 16 September 2019
ASL3416SHN NXP-ASL3416SHN Datasheet
1Mb / 38P
Enhanced three channel LED buck driver
Rev. 6 - 16 September 2019
ASL3417SHN NXP-ASL3417SHN Datasheet
1Mb / 43P
Enhanced three channel LED buck driver with limp-home
Rev. 4 - 16 September 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com