Electronic Components Datasheet Search
  English  ▼

X  

2SK2499 Datasheet (PDF) - Renesas Technology Corp

2SK2499 Datasheet PDF - Renesas Technology Corp
Part # 2SK2499
Download  2SK2499 Download
File Size   343.17 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTORS

2SK2499 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2499 Datasheet PDF - Renesas Technology Corp

Part # 2SK2499
Download  2SK2499 Click to download

File Size   343.17 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTORS

2SK2499 Datasheet (HTML) - Renesas Technology Corp


2SK2499 Product details

SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE

DESCRIPTION
The 2SK2499 is N-Channel MOS Field Effect Transistor designed
for high current switching applications.

FEATURES
• Low On-Resistance
RDS(on)1 = 9 mW (VGS = 10 V, ID = 25 A)
RDS(on)2 = 14 mW (VGS = 4 V, ID = 25 A)
• Low Ciss Ciss = 3 400 pF TYP.
• High Avalanche Capability.
• Built-in G-S Protection Diode




Similar Part No. - 2SK2499

ManufacturerPart #DatasheetDescription
logo
NEC
2SK2499 NEC-2SK2499 Datasheet
100Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK2499 ISC-2SK2499 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
NEC
2SK2499-Z NEC-2SK2499-Z Datasheet
100Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK2499-Z ISC-2SK2499-Z Datasheet
345Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK2499

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2479 KEXIN-2SK2479 Datasheet
44Kb / 2P
MOS Field Effect Transistors
2SK2484 KEXIN-2SK2484 Datasheet
43Kb / 2P
MOS Field Effect Transistors
2SJ605 KEXIN-2SJ605 Datasheet
49Kb / 2P
MOS Field Effect Transistors
2SK2481 KEXIN-2SK2481 Datasheet
44Kb / 2P
MOS Field Effect Transistors
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
MOS Field Effect Transistors
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
MOS Field Effect Transistors
2SJ360 KEXIN-2SJ360 Datasheet
48Kb / 2P
MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2941 RENESAS-2SK2941 Datasheet
218Kb / 10P
MOS FIELD EFFECT TRANSISTORS
1997
2SK2359 RENESAS-2SK2359 Datasheet
257Kb / 10P
MOS FIELD EFFECT TRANSISTORS
1995
2SK2365 RENESAS-2SK2365 Datasheet
256Kb / 10P
MOS FIELD EFFECT TRANSISTORS
1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com