Electronic Components Datasheet Search
  English  ▼

X  

THS3491 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
THS3491 Datasheet PDF - Texas Instruments
Part # THS3491
Download  THS3491 Download
File Size   3431.92 Kbytes
Page   53 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier

THS3491 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS3491 Datasheet PDF - Texas Instruments

Part # THS3491
Download  THS3491 Click to download

File Size   3431.92 Kbytes
Page   53 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier

THS3491 Datasheet (HTML) - Texas Instruments


THS3491 Product details

1 Features
• Bandwidth:
– 900 MHz (VO = 2 VPP, AV = 5 V/V)
– 320 MHz (VO = 10 VPP, AV = 5 V/V)
• Slew rate: 8000 V/μs (VO = 20 VPP)
• Input voltage noise: 1.7 nV/√ Hz
• Bipolar supply range: ±7 V to ±16 V
• Single-supply range: 14 V to 32 V
• Output swing: 28 VPP (±16-V supplies, 100-Ω load)
• Linear output current: ±420 mA (typical)
• 16.8-mA trimmed supply current (low temperature
coefficient)
• HD2 and HD3: less than –75 dBc (50 MHz, VO =
10 VPP, 100-Ω load)
• Rise and fall time: 1.3 ns (10-V step)
• Overshoot: 1.5% (10-V step, AV = 5 V/V)
• Current limit and thermal shutdown protection
• Power down feature

2 Applications
• High-voltage, arbitrary waveform generators
• Pattern generators for LCD testers
• Output drivers for LCR meters
• Power FET drivers
• High capacitive load piezo element drivers
• VDSL line drivers
• Pin-compatible upgrade to THS3095 (DDA)

3 Description
The THS3491 current feedback amplifier (CFA)
provides a new level of performance for applications
requiring the lowest distortion at high output power
levels from DC through values greater than 100 MHz
at 100-Ω loads. Although specified at a gain of 5
V/V, this current feedback design holds near constant
bandwidth and distortion over a wide range of gains.
The 8000 V/μs of slew rate delivers an output of 10
VPP into demanding loads with low distortion through
100 MHz. The 900-MHz, small-signal bandwidth
delivers a low overshoot of less than 1.5% for a 10-
V step, and rise and fall times of less than 1.3 ns.
Peak output current drive values greater than 500
mA enable driving heavy capacitive loads with fast
signals.
New designs benefit from the lowest distortion using
the VQFN-16 (RGT) package, whereas the 8-pin
HSOIC (DDA) package (with PowerPAD™) upgrades
existing THS3091 or THS3095 designs. Lower output
headroom for the THS3491 provides more output
swing on the same ±15-V supplies versus legacy
THS3091 or THS3095 options.




Similar Part No. - THS3491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3491 TI1-THS3491 Datasheet
838Kb / 28P
900-MHz, High-Power Output, Current Feedback Amplifier
THS3491 TI-THS3491 Datasheet
2Mb / 55P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3491 TI-THS3491 Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3491 TI2-THS3491 Datasheet
3Mb / 56P
THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
THS3491 TI2-THS3491 Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
More results


Similar Description - THS3491

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
300 MHz, 1 mA Current Feedback Amplifier
REV.B
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
270 MHz, 400 mA Current Feedback Amplifier
REV. A
logo
Texas Instruments
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
STMicroelectronics
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
500 mA guaranteed output current
11-Nov-2008
logo
Texas Instruments
THS3491 TI1-THS3491 Datasheet
838Kb / 28P
900-MHz, High-Power Output, Current Feedback Amplifier
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com