Electronic Components Datasheet Search
  English  ▼

X  

TCA39306 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TCA39306 Datasheet PDF - Texas Instruments
Part # TCA39306
Download  TCA39306 Download
File Size   1748.22 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TCA39306 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator

TCA39306 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA39306 Datasheet PDF - Texas Instruments

Part # TCA39306
Download  TCA39306 Click to download

File Size   1748.22 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TCA39306 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator

TCA39306 Datasheet (HTML) - Texas Instruments


TCA39306 Product details

1 Features
• 2-Bit bidirectional translator for SDA and SCL lines
in mixed-mode I2C applications
• Standard-mode, fast-mode, and fast-mode plus
I2C and SMBus compatible
• I3C compatible (12.5 MHz supported)
• Allows voltage-level translation between
– 0.9-V VREF1 and 1.8-V, 2.5-V, 3.3-V,
or 5-V VREF2
– 1.2-V VREF1 and 1.8-V, 2.5-V, 3.3-V,
or 5-V VREF2
– 1.8-V VREF1 and 2.5-V, 3.3-V, or 5-V VREF2
– 2.5-V VREF1 and 3.3-V or 5-V VREF2
– 3.3-V VREF1 and 5-V VREF2
• Provides bidirectional voltage translation with no
direction Pin
• Low ON-state resistance between input and output
ports provides less signal distortion
• Open-drain I2C I/O ports (SCL1, SDA1, SCL2, and
SDA2)
• 5-V Tolerant I2C I/O ports to support mixed-mode
signal operation
• High-impedance SCL1, SDA1, SCL2, and SDA2
pins for EN = Low
• Lockup-free operation for isolation when EN = Low
• Flow-through pinout for ease of printed-circuitboard
trace routing
• ESD Protection Exceeds JESD 22
– 2000-V human-body model (A114-A)
– 1000-V charged-device model (C101)

2 Applications
• I2C, SMBus, PMBus, MDIO, UART, low-speed
SDIO, GPIO, and other two-signal interfaces
• Servers
• Routers (telecom switching equipment)
• Personal computers
• Industrial automation

3 Description
The TCA39306 is a dual bidirectional voltage-level
translator compatible with I2C, SMBus, and I3C with
an enable (EN) input, and is operational from 0.9-V to
3.3-V VREF1 and 1.8-V to 5.5-V VREF2.
The device allows bidirectional voltage translations
between 0.85 V and 5 V, without the use of a
direction pin. The low ON-state resistance (RON)
of the switch allows connections to be made with
minimal propagation delay. When EN is high, the
translator switch is ON, and the SCL1 and SDA1
I/O are connected to the SCL2 and SDA2 I/O,
respectively, allowing bidirectional data flow between
ports. When EN is low, the translator switch is off, and
a high-impedance state exists between ports.
In addition to voltage translation, the TCA39306 can
be used to isolate a higher speed bus from a lower
speed bus by controlling the EN pin to disconnect the
slower bus during fast-mode communication.




Similar Part No. - TCA39306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA39306 TI-TCA39306 Datasheet
1Mb / 39P
TCA39306 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator
TCA39306 TI-TCA39306 Datasheet
1Mb / 33P
TCA39306-Q1 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator
TCA39306 TI-TCA39306 Datasheet
1Mb / 29P
TCA39306 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator
REVISED AUGUST 2021
TCA39306 TI-TCA39306 Datasheet
1Mb / 31P
TCA39306-Q1 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator
DECEMBER 2021
TCA39306-Q1 TI-TCA39306-Q1 Datasheet
1Mb / 33P
TCA39306-Q1 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator
More results


Similar Description - TCA39306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
Texas Instruments
TCA39306 TI-TCA39306 Datasheet
1Mb / 39P
TCA39306 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator
TCA39306-Q1 TI-TCA39306-Q1 Datasheet
1Mb / 33P
TCA39306-Q1 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator
TCA39306 TI-TCA39306_V01 Datasheet
1Mb / 29P
TCA39306 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator
REVISED AUGUST 2021
TCA39306-Q1 TI-TCA39306-Q1_V01 Datasheet
1Mb / 31P
TCA39306-Q1 Dual Bidirectional I2C Bus and SMBus Voltage-Level Translator
DECEMBER 2021
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com