Electronic Components Datasheet Search
  English  ▼

X  

SMLJ10A Datasheet (PDF) - Microsemi Corporation

SMLJ10A Datasheet PDF - Microsemi Corporation
Part # SMLJ10A
Download  SMLJ10A Download
File Size   195.14 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT 3000 Watt Transient Voltage Suppressor

SMLJ10A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMLJ10A Datasheet PDF - Microsemi Corporation

Part # SMLJ10A
Download  SMLJ10A Click to download

File Size   195.14 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT 3000 Watt Transient Voltage Suppressor

SMLJ10A Datasheet (HTML) - Microsemi Corporation


SMLJ10A Product details

DESCRIPTION
The SMLJ5.0-170A or SMLG5.0-170A series of 3000 W Transient Voltage
Suppressors (TVSs) protects a variety of voltage-sensitive components
from destruction or degradation. It is available in J-bend design (SMLJ)
with the DO-214AB package for greater PC board mounting density or in a
Gull-wing design (SMLG) in the DO-215AB for visible solder connections.
Selections include unidirectional and bidirectional. They can protect from
secondary lightning effects per IEC61000-4-5 and class levels defined
herein, or for inductive switching environments and induced RF protection.
Since their response time is virtually instantaneous, they can also be used
in protection from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.

FEATURES
• Economical surface mount TVS design in both J-bend
or Gull-wing terminations with fast response
• Available in both Unidirectional and Bidirectional
construction with a C or CA suffix
• Selections for 5.0 to 170 volts standoff voltages (VWM)
• Optional 100% screening for avionics grade is
available by adding MA prefix to part number for
added 100% temperature cycle -55oC to +125oC (10X)
as well as surge (3X) and 24 hours HTRB with post
test VZ & IR (in the operating direction for unidirectional
or both directions for bidirectional)
• Options for screening in accordance with MIL-PRF-
19500 for JANTX are available by adding MX prefix to
the part number.
• Axial-lead packages for thru-hole mounting available
as 5KP5.0–110A with 5000 W rating (consult factory
for other surface mount options)
• RoHS Compliant devices available by adding e3 suffix
• Moisture classification is Level 1 with no dry pack
required per IPC/JEDEC J-STD-020B

APPLICATIONS / BENEFITS
• Suppresses transients up to 3000 watts @ 10/1000 μs
• Protection from switching transients and induced RF
• Protection from ESD, and EFT per IEC 61000-4-2 and
IEC 61000-4-4
• Secondary lightning protection per IEC61000-4-5 with
42 Ohms source impedance:
Class 1 & 2: SML 5.0 to SML 170A or CA
Class 3: SML 5.0 to SML 150A or CA
Class 4: SML 5.0 to SML 75A or CA
• Secondary lightning protection per IEC61000-4-5 with
12 Ohms source impedance:
Class 1: SML 5.0 to SML 170A or CA
Class 2: SML 5.0 to SML 90A or CA
Class 3: SML 5.0 to SML 48A or CA
Class 4: SML 5.0 to SML 24A or CA
• Secondary lightning protection per IEC61000-4-5 with
2 Ohms source impedance:
Class 2: SML 5.0 to SML 43A or CA
Class 3: SML 5.0 to SML 22A or CA
Class 4: SML 5.0 to SML10A or CA




Similar Part No. - SMLJ10A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ10A MCC-SMLJ10A Datasheet
428Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
Microsemi Corporation
SMLJ10A MICROSEMI-SMLJ10A Datasheet
138Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Bourns Electronic Solut...
SMLJ10A BOURNS-SMLJ10A Datasheet
205Kb / 5P
SMLJ Transient Voltage Suppressor Diode Series
logo
Micro Commercial Compon...
SMLJ10A MCC-SMLJ10A Datasheet
504Kb / 7P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
List of Unclassifed Man...
SMLJ10A ETC2-SMLJ10A Datasheet
385Kb / 4P
Transient Voltage Suppressor
More results


Similar Description - SMLJ10A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
3.0SMCJ TSC-3.0SMCJ_1 Datasheet
279Kb / 4P
3000 Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
MSMLJ5.0A MICROSEMI-MSMLJ5.0A Datasheet
281Kb / 4P
SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
SMBJ100CAE3 MICROSEMI-SMBJ100CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ13CAE3 MICROSEMI-SMBJ13CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ58AE3 MICROSEMI-SMBJ58AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ15CAE3 MICROSEMI-SMBJ15CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ20AE3 MICROSEMI-SMBJ20AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ30ATR MICROSEMI-SMBJ30ATR Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com