Electronic Components Datasheet Search
  English  ▼

X  

SMBG5920B Datasheet (PDF) - Microsemi Corporation

SMBG5920B Datasheet PDF - Microsemi Corporation
Part # SMBG5920B
Download  SMBG5920B Download
File Size   471.9 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 2.0 Watt ZENER DIODES

SMBG5920B Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBG5920B Datasheet PDF - Microsemi Corporation

Part # SMBG5920B
Download  SMBG5920B Click to download

File Size   471.9 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 2.0 Watt ZENER DIODES

SMBG5920B Datasheet (HTML) - Microsemi Corporation


SMBG5920B Product details

DESCRIPTION
The SMBG5913B - SMBG5956B series of surface mount 2.0 watt Zeners provides a selection from 3.3 to 200 volts with different tolerance options available. This series is equivalent to the JEDEC registered 1N5913 thru 1N5956 series with identical electrical characteristics except these are rated at 2.0 W instead of 1.5 W with the lower thermal resistance features of the surface mount packaging. Its featured Gull-wing design in the DO-215AA package is ideal for visible solder connections. It is also available as RoHS compliant with an e3 suffix. Microsemi also offers numerous other Zener products to meet higher and lower power applications.

FEATURES
• Surface mount equivalent to JEDEC registered 1N5913 thru 1N5956 series.
• Ideal for high-density and low-profile mounting.
• Zener voltage available 3.3 V to 200 V.
• Standard voltage tolerances are plus/minus 5% and 10%.
• A tighter tolerance is available in plus or minus 2%.
• RoHS compliant versions available.

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range.
• Wide selection from 3.3 to 200 V.
• Non-sensitive to ESD per MIL-STD-750 method 1020.
• Withstands high surge stresses (see Figure 2).
• Minimal changes of voltage versus current.
• High specified maximum current (IZM) when adequately heat sunk.
• Moisture classification is Level 1 per IPC/JEDEC J-STD-020B with no dry pack required.




Similar Part No. - SMBG5920B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMBG5920 MICROSEMI-SMBG5920 Datasheet
92Kb / 2P
SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT
More results


Similar Description - SMBG5920B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
Silicon 10 WATT Zener Diodes
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
SILICON 1.5 WATT ZENER DIODES
SMBJ4742 MICROSEMI-SMBJ4742 Datasheet
197Kb / 3P
SILICON 2.0 Watt ZENER DIODES
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
SILICON 10 WATT ZENER DIODES
logo
Continental Device Indi...
ZY75 CDIL-ZY75 Datasheet
80Kb / 3P
SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
Silicon 1 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
Silicon 10 WATT Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
SILICON 1 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
SILICON 50 WATT ZENER DIODES
logo
Micro Commercial Compon...
ZY51 MCC-ZY51 Datasheet
224Kb / 3P
Silicon 2.0 Watt Zener Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com