Electronic Components Datasheet Search
  English  ▼

X  

BZX84-B13 Datasheet (PDF) - Nexperia B.V. All rights reserved

BZX84-B13 Datasheet PDF - Nexperia B.V. All rights reserved
Part # BZX84-B13
Download  BZX84-B13 Download
File Size   324.0 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Voltage regulator diodes

BZX84-B13 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84-B13 Datasheet PDF - Nexperia B.V. All rights reserved

Part # BZX84-B13
Download  BZX84-B13 Click to download

File Size   324.0 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Voltage regulator diodes

BZX84-B13 Datasheet (HTML) - Nexperia B.V. All rights reserved


BZX84-B13 Product details

1. General description
Low-power voltage regulator diodes in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD)
plastic package.
The diodes are available in the normalized E24 ±1 % (BZX84-A), ±2 % (BZX84-B) and
approximately ±5 % (BZX84-C) tolerance range. The series includes 37 breakdown voltages with
nominal working voltages from 2.4 V to 75 V.

2. Features and benefits
• Total power dissipation: ≤250 mW
• Three tolerance series: ±1 %, ±2 % and approximately ±5 %
• Working voltage range: nominal 2.4 V to 75 V (E24 range)
• Non-repetitive peak reverse power dissipation: ≤ 40 W

3. Applications
• General regulation functions




Similar Part No. - BZX84-B13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84-B13 PHILIPS-BZX84-B13 Datasheet
63Kb / 12P
Voltage regulator diodes
2003 Apr 10
logo
General Semiconductor
BZX84-B13 GE-BZX84-B13 Datasheet
396Kb / 9P
Zener Diodes
logo
DAESAN ELECTRONIC CORP.
BZX84-B13 DAESAN-BZX84-B13 Datasheet
373Kb / 3P
300mW SOT-23 ZENER DIODES
logo
NXP Semiconductors
BZX84-B13 NXP-BZX84-B13 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
BZX84-B13 NXP-BZX84-B13 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
More results


Similar Description - BZX84-B13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
Voltage regulator diodes
1996 May 14
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
Voltage regulator diodes
2004 Mar 22
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C Datasheet
208Kb / 4P
VOLTAGE REGULATOR DIODES
logo
NXP Semiconductors
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B6V2,215 NXP-BZX84-B6V2,215 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C_15 Datasheet
202Kb / 4P
VOLTAGE REGULATOR DIODES
logo
Nexperia B.V. All right...
SZMM3Z_SER NEXPERIA-SZMM3Z_SER Datasheet
268Kb / 12P
Voltage regulator diodes
Rev. 3 - 20 February 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com