Electronic Components Datasheet Search
  English  ▼

X  

1N8159 Datasheet (PDF) - Microsemi Corporation

1N8159 Datasheet PDF - Microsemi Corporation
Part # 1N8159
Download  1N8159 Download
File Size   420.52 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Voidless-Hermetically-Sealed Unidirectional 150 W Low-Capacitance Transient Voltage Suppressors

1N8159 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N8159 Datasheet PDF - Microsemi Corporation

Part # 1N8159
Download  1N8159 Click to download

File Size   420.52 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Voidless-Hermetically-Sealed Unidirectional 150 W Low-Capacitance Transient Voltage Suppressors

1N8159 Datasheet (HTML) - Microsemi Corporation


1N8159 Product details

DESCRIPTION
This series of voidless-hermetically-sealed unidirectional low-capacitance Transient Voltage Suppressor (TVS) designs are ideal for protecting higher frequency applications in high-reliability applications where a failure cannot be tolerated. They include a unique rectifier diode in series and opposite direction from the TVS to achieve a very low capacitance of 4 pF. This product series provides a working peak “standoff” voltage selection from 6.8 to 170 volts with 150 watt ratings. They are very robust in hard-glass construction and also use an internal metallurgical bond identified as Category 1 for high reliability applications. These devices are also available in axial leaded packages for thru-hole mounting.

FEATURES
 High surge current and peak pulse power unidirectional protection for sensitive circuits.
 Very low capacitance for high frequency or high baud rate applications.
 Bidirectional capability with two devices in anti-parallel (see Figure 5).
 Triple-layer passivation.
 Internal “Category 1” metallurgical bonds.
 Voidless hermetically sealed glass package.
 RoHS compliant versions are available.

APPLICATIONS / BENEFITS
 High reliability transient protection.
 Extremely robust construction.
 Working peak “standoff” voltage (VWM) from 6.8 to 170 volts.
 Available as 150 W peak pulse power (PPP) at 10/1000 μs.
 Lowest available capacitance for 150 W rated TVS.
 ESD and EFT protection per IEC61000-4-2 and IEC61000-4-4 respectively.
 Secondary lightning protection per select levels in IEC61000-4-5.
 Flexible axial-leaded mounting terminals.
 Nonsensitive to ESD per MIL-STD-750 method 1020.
 Inherently radiation hard as described in Microsemi MicroNote 050.




Similar Part No. - 1N8159

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N81 ETC-1N81 Datasheet
2Mb / 78P
GOLD BONDED DIODES
logo
Central Semiconductor C...
1N816 CENTRAL-1N816 Datasheet
51Kb / 1P
Forward Reference Diodes
logo
New Jersey Semi-Conduct...
1N816 NJSEMI-1N816 Datasheet
20Kb / 1P
Forward Reference Diode
logo
List of Unclassifed Man...
1N816 ETC-1N816 Datasheet
155Kb / 1P
DO-35 Case
1N81A ETC-1N81A Datasheet
2Mb / 78P
GOLD BONDED DIODES
More results


Similar Description - 1N8159

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6469 MICROSEMI-1N6469 Datasheet
331Kb / 3P
Voidless-Hermetically-Sealed Unidirectiona Transient Suppressors
1N6461US MICROSEMI-1N6461US Datasheet
310Kb / 3P
Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
1N6461 MICROSEMI-1N6461_08 Datasheet
223Kb / 3P
Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
1N6469US MICROSEMI-1N6469US_07 Datasheet
185Kb / 3P
Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient Suppressors
JANTX1N6461US MICROSEMI-JANTX1N6461US Datasheet
508Kb / 6P
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JAN1N6467 MICROSEMI-JAN1N6467 Datasheet
223Kb / 3P
Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
JANTX1N6467US MICROSEMI-JANTX1N6467US Datasheet
508Kb / 6P
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
JANTX1N6464 MICROSEMI-JANTX1N6464 Datasheet
529Kb / 6P
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
1N6138A MICROSEMI-1N6138A Datasheet
509Kb / 7P
Voidless Hermetically Sealed Bidirectional Transient Voltage Suppressors
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com