Electronic Components Datasheet Search
  English  ▼

X  

BC817K-25 Datasheet (PDF) - Nexperia B.V. All rights reserved

BC817K-25 Datasheet PDF - Nexperia B.V. All rights reserved
Part # BC817K-25
Download  BC817K-25 Download
File Size   350.11 Kbytes
Page   24 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 45 V, 500 mA NPN general-purpose transistors

BC817K-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC817K-25 Datasheet PDF - Nexperia B.V. All rights reserved

Part # BC817K-25
Download  BC817K-25 Click to download

File Size   350.11 Kbytes
Page   24 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 45 V, 500 mA NPN general-purpose transistors

BC817K-25 Datasheet (HTML) - Nexperia B.V. All rights reserved


BC817K-25 Product details

Features and benefits
• Three current gain selections
• High power dissipation capability
• AEC-Q101 qualified




Similar Part No. - BC817K-25

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC817K-25 INFINEON-BC817K-25 Datasheet
864Kb / 11P
NPN Silicon AF Transistor
2008-04-11
BC817K-25 INFINEON-BC817K-25 Datasheet
863Kb / 11P
NPN Silicon AF Transistor
2011-09-19
logo
Micro Commercial Compon...
BC817K-25 MCC-BC817K-25 Datasheet
501Kb / 4P
NPN Small Signal Transistor 500mW
logo
Nexperia B.V. All right...
BC817K-25 NEXPERIA-BC817K-25 Datasheet
350Kb / 24P
45 V, 500 mA NPN general-purpose transistors
BC817K-25-Q NEXPERIA-BC817K-25-Q Datasheet
372Kb / 21P
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 29 April 2025
More results


Similar Description - BC817K-25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817 NXP-BC817 Datasheet
245Kb / 19P
45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
BC817-25QA NXP-BC817-25QA Datasheet
211Kb / 15P
45 V, 500 mA NPN general-purpose transistors
Rev. 1-3 September 2013
logo
Nexperia B.V. All right...
BC817K NEXPERIA-BC817K Datasheet
350Kb / 24P
45 V, 500 mA NPN general-purpose transistors
BC817-25QA NEXPERIA-BC817-25QA Datasheet
879Kb / 15P
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013
BC817-Q_SER NEXPERIA-BC817-Q_SER Datasheet
305Kb / 13P
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
BC817QB-Q_SER NEXPERIA-BC817QB-Q_SER Datasheet
331Kb / 14P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817QBH-Q_SER NEXPERIA-BC817QBH-Q_SER Datasheet
318Kb / 13P
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 25 January 2022
BC817QC-Q_SER NEXPERIA-BC817QC-Q_SER Datasheet
334Kb / 14P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817QC_SER NEXPERIA-BC817QC_SER Datasheet
323Kb / 14P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 28 October 2020
BC817W_SER NEXPERIA-BC817W_SER Datasheet
319Kb / 13P
45 V, 500 mA NPN general-purpose transistors
Rev. 8 - 1 July 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com