Electronic Components Datasheet Search
  English  ▼

X  

BC816H Datasheet (PDF) - Nexperia B.V. All rights reserved

BC816H Datasheet PDF - Nexperia B.V. All rights reserved
Part # BC816H
Download  BC816H Download
File Size   273.69 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 80 V, 500 mA NPN general-purpose transistors

BC816H Datasheet (PDF)

Go To PDF Page Download Datasheet
BC816H Datasheet PDF - Nexperia B.V. All rights reserved

Part # BC816H
Download  BC816H Click to download

File Size   273.69 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 80 V, 500 mA NPN general-purpose transistors

BC816H Datasheet (HTML) - Nexperia B.V. All rights reserved


BC816H Product details

Features and benefits
• High current
• High voltage
• Two current gain selections
• High-temperature applications up to 175 °C
• AEC-Q101 qualified




Similar Part No. - BC816H

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC816 NEXPERIA-BC816 Datasheet
249Kb / 12P
80 V, 500 mA NPN general-purpose transistors
Rev. 2 - 5 November 2019
BC816-16 NEXPERIA-BC816-16 Datasheet
249Kb / 12P
80 V, 500 mA NPN general-purpose transistors
Rev. 2 - 5 November 2019
BC816-16 NEXPERIA-BC816-16 Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
BC816-16 / -25 NEXPERIA-BC816-16 / -25 Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
BC816-16 / -25 NEXPERIA-BC816-16 / -25 Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
More results


Similar Description - BC816H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817 NXP-BC817 Datasheet
245Kb / 19P
45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC817K NEXPERIA-BC817K Datasheet
350Kb / 24P
45 V, 500 mA NPN general-purpose transistors
BC806H_SER NEXPERIA-BC806H_SER Datasheet
291Kb / 16P
80 V, 500 mA PNP general-purpose transistors
Rev. 1 - 26 March 2020
BC806W_SER NEXPERIA-BC806W_SER Datasheet
247Kb / 12P
80 V, 500 mA PNP general-purpose transistors
Rev. 2 - 27 November 2019
BC806_SER NEXPERIA-BC806_SER Datasheet
247Kb / 12P
80 V, 500 mA PNP general-purpose transistors
Rev. 2 - 5 November 2019
BC816W_SER NEXPERIA-BC816W_SER Datasheet
246Kb / 12P
80 V, 500 mA NPN general-purpose transistors
Rev. 2 - 27 November 2019
BC816_SER NEXPERIA-BC816_SER Datasheet
249Kb / 12P
80 V, 500 mA NPN general-purpose transistors
Rev. 2 - 5 November 2019
BC817-25QA NEXPERIA-BC817-25QA Datasheet
879Kb / 15P
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013
BC817QB-Q_SER NEXPERIA-BC817QB-Q_SER Datasheet
331Kb / 14P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817QC-Q_SER NEXPERIA-BC817QC-Q_SER Datasheet
334Kb / 14P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com