Electronic Components Datasheet Search
  English  ▼

X  

MHW2821D Datasheet (PDF) - NXP Semiconductors

MHW2821D Datasheet PDF - NXP Semiconductors
Part # MHW2821D
Download  MHW2821D Download
File Size   204.12 Kbytes
Page   6 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description UHF Silicon FET Power Amplifiers

MHW2821D Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW2821D Datasheet PDF - NXP Semiconductors

Part # MHW2821D
Download  MHW2821D Click to download

File Size   204.12 Kbytes
Page   6 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description UHF Silicon FET Power Amplifiers

MHW2821D Datasheet (HTML) - NXP Semiconductors


MHW2821D Product details

Designed for 12.5 V UHF power amplifier applications in industrial and
commercial FM equipment operating from 806 to 950 MHz.
• Specified 12.5 V Characteristics:
RF Input Power: 3250 mW (MHW2821–1)
3300 mW (MHW2821–2)
RF Output Power: 20 W (MHW2821–1)
18 W (MHW2821–2)
• LDMOS FET Technology
• Epoxy Glass Substrate Eliminates Possibility of Substrate Fracture
• 50 W Input/Output Impedance
• Guaranteed Stability and Ruggedness
• Cost Effective




Similar Part No. - MHW2821D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW2821-1 MOTOROLA-MHW2821-1 Datasheet
75Kb / 6P
UHF Silicon FET Power Amplifier
MHW2821-2 MOTOROLA-MHW2821-2 Datasheet
75Kb / 6P
UHF Silicon FET Power Amplifier
More results


Similar Description - MHW2821D

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SK2974 MITSUBISHI-2SK2974 Datasheet
29Kb / 3P
RF POWER MOS FET(VHF/UHF power amplifiers)
2SK2975 MITSUBISHI-2SK2975 Datasheet
29Kb / 3P
RF POWER MOS FET(VHF/UHF power amplifiers)
logo
Motorola, Inc
MHW2707-1 MOTOROLA-MHW2707-1 Datasheet
94Kb / 4P
UHF Silicon FET Power Amplifier
MHW2707A1 MOTOROLA-MHW2707A1 Datasheet
60Kb / 4P
UHF Silicon FET Power Amplifier
MHW2727-3 MOTOROLA-MHW2727-3 Datasheet
61Kb / 4P
UHF Silicon FET Power Amplifier
MHW2821-1 MOTOROLA-MHW2821-1 Datasheet
75Kb / 6P
UHF Silicon FET Power Amplifier
MHW720A1 MOTOROLA-MHW720A1 Datasheet
89Kb / 4P
UHF Power Amplifiers
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
Silicon N Channel MOS FET UHF Power Amplifier
logo
Motorola, Inc
MHW807-1 MOTOROLA-MHW807-1 Datasheet
244Kb / 5P
UHF POWER AMPLIFIERS
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
Silicon N-Channel MOS FET UHF Power Amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com