Electronic Components Datasheet Search
  English  ▼

X  

MAX314L Datasheet (PDF) - Maxim Integrated Products

MAX314L Datasheet PDF - Maxim Integrated Products
Part # MAX314L
Download  MAX314L Download
File Size   343.04 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches

MAX314L Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX314L Datasheet PDF - Maxim Integrated Products

Part # MAX314L
Download  MAX314L Click to download

File Size   343.04 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches

MAX314L Datasheet (HTML) - Maxim Integrated Products


MAX314L Product details

General Description

Maxim’s MAX312L/MAX313L/MAX314L analog switch es feature low on-resistance (10Ω max) and 1.5Ω on resistance matching between channels. These switches are +3V logic compatible when powered from ±15V or +12V supplies. The switches conduct equally well in either direction, and offer low leakage over temperature (2.5nA at +85°C).



Features

♦ +3V Logic-Compatible Digital Inputs

   VIH = 2.0V

   VIL = 0.8V

♦ Pin Compatible with MAX312/MAX313/MAX314 and DG411/DG412/DG413

♦ Low On-Resistance (10Ω max)

♦ Guaranteed RON Match Between Channels (1.5Ω max)

♦ Guaranteed RON Flatness over Specified Signal Range (2Ω max)

♦ Crosstalk > 96dB at 20kHz

♦ Single-Supply Operation: +4.5V to +36V

  Dual-Supply Operation: ±4.5V to ±20V

♦ Rail-to-Rail® Signal Handling



Applications

  Test Equipment

  Communication Systems

  PBX, PABX Systems

  Audio Signal Routing

  Avionics

  Sample-and-Hold Circuits

  Data-Acquisition Systems

  xDSL Modems



 




Similar Part No. - MAX314L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX314LCPE MAXIM-MAX314LCPE Datasheet
178Kb / 14P
10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 1; 9/08
MAX314LCSE MAXIM-MAX314LCSE Datasheet
178Kb / 14P
10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 1; 9/08
MAX314LCUE MAXIM-MAX314LCUE Datasheet
178Kb / 14P
10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 1; 9/08
MAX314LEPE MAXIM-MAX314LEPE Datasheet
178Kb / 14P
10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 1; 9/08
MAX314LESE MAXIM-MAX314LESE Datasheet
178Kb / 14P
10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 1; 9/08
More results


Similar Description - MAX314L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
MAX312 MAXIM-MAX312 Datasheet
385Kb / 12P
10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX312L MAXIM-MAX312L_08 Datasheet
178Kb / 14P
10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 1; 9/08
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG417L MAXIM-DG417L Datasheet
325Kb / 13P
35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
19-2170; Rev 0; 10/01
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com