Electronic Components Datasheet Search
  English  ▼

X  

WT32I Datasheet (PDF) - Silicon Laboratories

WT32I Datasheet PDF - Silicon Laboratories
Part # WT32I
Download  WT32I Download
File Size   3007.27 Kbytes
Page   63 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description WT32i BLUETOOTH AUDIO MODULE

WT32I Datasheet (PDF)

Go To PDF Page Download Datasheet
WT32I Datasheet PDF - Silicon Laboratories

Part # WT32I
Download  WT32I Click to download

File Size   3007.27 Kbytes
Page   63 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description WT32i BLUETOOTH AUDIO MODULE

WT32I Datasheet (HTML) - Silicon Laboratories


WT32I Product details

KEY FEATURES:
• Bluetooth 3.0 compliant
• Excellent Radio Performance
o Transmit power: +6.5 dBm
o Receiver sensitivity: -90 dBm
o Link budget: 96.5 dB
• Integrated chip antenna or U.FL
antenna connector
• Audio features
o Integrated DSP
o 16-bit stereo codec
o 44.1kHz ADC, 48kHz DAC
o Analog, I2S, PCM, SPDIF, and
microphone interfaces
o Optional aptX® and AAC stereo
audio codecs
o Optional CVC® echo
cancellation
o Wide Band Speech
• Built-in battery charger
• UART host interface
• 802.11 co-existence interface
• 10 software programmable IO pins
• Operating voltage: 1.8V to 3.6V
• Temperature range: -40C to +85C
• Bluetooth, CE, FCC, IC, Korea and
Japan qualified
• Integrated iWRAP6 Bluetooth stack
o 13 Bluetooth profiles
o Apple iAP1 and iAP2
compatibility




Similar Part No. - WT32I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT32I ETC2-WT32I Datasheet
1Mb / 63P
BLUETOOTH AUDIO MODULE
More results


Similar Description - WT32I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT32I ETC2-WT32I Datasheet
1Mb / 63P
BLUETOOTH AUDIO MODULE
logo
Microchip Technology
RN52 MICROCHIP-RN52 Datasheet
374Kb / 26P
Bluetooth Audio Module
07/14/15
RN52-I MICROCHIP-RN52-I Datasheet
2Mb / 2P
Bluetooth Audio Module
v. 1.0r 01/13
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
Bluetooth Module
BTM312 BUDDIES-BTM312 Datasheet
960Kb / 23P
Bluetooth Module
BTM512 BUDDIES-BTM512 Datasheet
990Kb / 23P
Bluetooth Module
logo
Beken Corporation
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
CSR57E6 ETC2-CSR57E6 Datasheet
1Mb / 11P
Bluetooth Stereo Audio Transmitter Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com