Electronic Components Datasheet Search
  English  ▼

X  

SD6701ASC Datasheet (PDF) - Silan Microelectronics Joint-stock

SD6701ASC Datasheet PDF - Silan Microelectronics Joint-stock
Part # SD6701ASC
Download  SD6701ASC Download
File Size   267.62 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description NON-ISOLATED BUCK LED LIGHTING DRIVE IC WITH LOW POWER AND HIGH CONSTANT CURRENT ACCURACY

SD6701ASC Datasheet (PDF)

Go To PDF Page Download Datasheet
SD6701ASC Datasheet PDF - Silan Microelectronics Joint-stock

Part # SD6701ASC
Download  SD6701ASC Click to download

File Size   267.62 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description NON-ISOLATED BUCK LED LIGHTING DRIVE IC WITH LOW POWER AND HIGH CONSTANT CURRENT ACCURACY

SD6701ASC Datasheet (HTML) - Silan Microelectronics Joint-stock


SD6701ASC Product details

DESCRIPTION
SD670XSC is designed for non-isolated LED driving with Buck structure,
high constant current accuracy and high linear/load regulation available
with assistant of special sense technology.
SD670XSC integrates various protections, such as output open/short
circuit protection, cycle-by-cycle current limit protection and over
temperature protection.
The start-up current and operating current are low and highlight LED can
be driven with high efficiency in full range (85VAC~265VAC).
SD670XSC integrates high voltage power MOSFET, reducing the system
cost and the whole volume.

FEATURES
 Built-in 500V high voltage power MOSFET
 Constant current with high accuracy for LED (<±3%)
 Output open/short circuit protection
 CS open/short circuit protection
 VCC undervoltage protection
 Over temperature protection
 Cycle-by-cycle current protection
 No auxiliary winding

APPLICATION
 Bulb Lamp
 T5/T8 LED Lamp
 Various LED Lighting




Similar Part No. - SD6701ASC

ManufacturerPart #DatasheetDescription
logo
Tempo Communications, I...
SD6 TEMPOCOMMUNICATIONS-SD6 Datasheet
1Mb / 2P
FIBER OPTIC HAND TOOLS FOR EVERY TECHNICIAN
04/21
logo
A-Data Technology
SD600 A-DATA-SD600 Datasheet
695Kb / 2P
Sprint ahead with high performance
logo
International Rectifier
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD6008 SHOUDING-SD6008 Datasheet
1Mb / 9P
One Cell Lithium-ion/Polymer Battery Protection IC
More results


Similar Description - SD6701ASC

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL82A UTC-UL82A Datasheet
400Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98A UTC-UL98A Datasheet
172Kb / 6P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98B UTC-UL98B Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98C UTC-UL98C Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82B UTC-UL82B Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82C UTC-UL82C Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL96A UTC-UL96A Datasheet
193Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
logo
Maxic Technology Corpor...
MT7724 MAXIC-MT7724 Datasheet
165Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
MT7725XK MAXIC-MT7725XK Datasheet
199Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
MT7727XK MAXIC-MT7727XK Datasheet
206Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com