Electronic Components Datasheet Search
  English  ▼

X  

TPSM33625 Datasheet (PDF) - Texas Instruments

TPSM33625 Datasheet PDF - Texas Instruments
Part # TPSM33625
Download  TPSM33625 Download
File Size   2293.26 Kbytes
Page   50 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM336x5, 3-V to 36-V Input, 1-V to 15-V Output, 1.5-A, and 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package

TPSM33625 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM33625 Datasheet PDF - Texas Instruments

Part # TPSM33625
Download  TPSM33625 Click to download

File Size   2293.26 Kbytes
Page   50 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM336x5, 3-V to 36-V Input, 1-V to 15-V Output, 1.5-A, and 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package

TPSM33625 Datasheet (HTML) - Texas Instruments


TPSM33625 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Versatile synchronous buck DC/DC module:
– Integrated MOSFETs, inductor, CBOOT capacitor
and controller
– Wide input voltage range: 3 V to 36 V
– Input transient protection up to 40 V
– Junction temperature range –40°C to +125°C
– 4.5-mm × 3.5-mm × 2-mm overmolded package
– Frequency adjustable from 200 kHz to 2.2 MHz
using the RT pin
• Ultra-high efficiency across the full load range:
– Greater than 88% efficiency at 12 V VIN,
5-V VOUT,1 MHz, IOUT = 2.5 A
– Greater than 87% efficiency at 24 VIN,
5-VOUT, 1 MHz, IOUT = 2.5 A
– As low as 1.5-μA standby IQ at 13.5 VIN
• Optimized for ultra-low EMI requirements:
– Dual random spread spectrum - DRSS
– Flip-chip on lead package - FCOL
– Inductor and boot capacitor integration
– CISPR 11, Class B compliant-capable
• Output voltage and current options:
– Adjustable output voltage from 1 V to 15 V
• Create a custom design using the TPSM336x5
with the WEBENCH® Power Designer
• Suitable for scalable power supplies:
– Pin compatible with:
• TPSM365R6 (65 V, 600 mA)

2 Applications
• Factory automation
• Test and measurement
• Grid infrastructure

3 Description
The TPSM336x5 is a 1.5-A or 2.5-A, 36-V input
synchronous step-down DC/DC power module that
combines flip chip on lead (FCOL) packaging,
power MOSFETs, integrated inductor and boot
capacitor in a compact and easy-to-use 3.5-mm
× 4.5-mm × 2-mm, 11-pin QFN package. The
small HotRod™ QFN package technology enhances
the thermal performance, ensuring high ambient
temperature operation. In addition, in conjuction with
spread spectrum, the device provides excellent EMI
performance. Devices can be configured for 1-V up to
15-V output with a feedback divider and operated .
The TPSM336x5 is specifically designed to meet low
standby power requirements for always on, industrial
applications. Auto mode enables frequency foldback
when operating at light loads, allowing a no load
current consumption of 1.5 μA at 13.5-V VIN and high
light load efficiency. A seamless transition between
PWM and PFM modes along with low MOSFET ON
resistances provide exceptional efficiency across the
entire load range.
The TPSM336x5 uses peak current mode architecture
with internal compensation to maintain stable
operation with minimal output capacitance. DRSS
is used to reduce the external components of the
input EMI filter. The RT pin variant can be used
to synchronize or set the frequency between 200
kHz and 2.2 MHz to avoid noise sensitive frequency
bands.




Similar Part No. - TPSM33625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM33625 TI-TPSM33625 Datasheet
1Mb / 42P
TPSM33625, 3-V to 36-V Input, 1-V to 15-V Output, 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
DECEMBER 2022
TPSM33625RDNR TI-TPSM33625RDNR Datasheet
1Mb / 42P
TPSM33625, 3-V to 36-V Input, 1-V to 15-V Output, 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
DECEMBER 2022
More results


Similar Description - TPSM33625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM5601R5H TI-TPSM5601R5H Datasheet
1Mb / 29P
TPSM5601R5Hx, 60-V Input, 1-V to 16-V Output, 1.5-A Power Module in Enhanced HotRod??QFN Package
TPSM5601R5 TI-TPSM5601R5 Datasheet
2Mb / 33P
TPSM5601R5, 60-V Input, 1-V to 6-V Output, 1.5-A Power Module in an Enhanced HotRod??QFN Package
SEPTEMBER 2021
TLVM13630 TI-TLVM13630_V01 Datasheet
3Mb / 44P
TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
JANUARY 2022
TLVM13640 TI-TLVM13640 Datasheet
2Mb / 40P
TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TLVM13660 TI-TLVM13660 Datasheet
2Mb / 40P
TLVM13660 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 6-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TPSM63603 TI-TPSM63603_V01 Datasheet
3Mb / 47P
TPSM63603 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
NOVEMBER 2021
TPSM63610 TI-TPSM63610 Datasheet
1Mb / 38P
TPSM63610 High-Density, 3-V to 36-V Input, 1-V to 20-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module With Enhanced HotRod™ QFN Package
NOVEMBER 2022
TPSM33625 TI-TPSM33625 Datasheet
1Mb / 42P
TPSM33625, 3-V to 36-V Input, 1-V to 15-V Output, 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
DECEMBER 2022
TLVM23625 TI1-TLVM23625 Datasheet
2Mb / 49P
TLVM236x5, 3-V to 36-V Input, 1-V to 6-V Output, 1.5-A, 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
FEBRUARY 2023
TLVM13610 TI-TLVM13610 Datasheet
1Mb / 35P
TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
FEBRUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com