Electronic Components Datasheet Search
  English  ▼

X  

XTR111 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
XTR111 Datasheet PDF - Texas Instruments
Part # XTR111
Download  XTR111 Download
File Size   1197.91 Kbytes
Page   14 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description XTR111 Demonstration Fixture Users Guide

XTR111 Datasheet (PDF)

Go To PDF Page Download Datasheet
XTR111 Datasheet PDF - Texas Instruments

Part # XTR111
Download  XTR111 Click to download

File Size   1197.91 Kbytes
Page   14 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description XTR111 Demonstration Fixture Users Guide

XTR111 Datasheet (HTML) - Texas Instruments


XTR111 Product details

2 Hardware Features
This section describes the hardware features found on the XTR111EVM.
2.1 XTR111EVM
The XTR111EVM is used for the basic functional evaluation of the XTR111. The EVM provides the
following features:
• Easy handling of the small DFN package. The DFN device is already soldered to the landing pattern
on the PCB. A mechanical drawing of the recommended land pattern can be found at the end of the
XTR111 product data sheet.
• Easy access to all device pins.
• Easily-configurable digital inputs (OD and EF) to disable the output, modify the output circuit for
voltage output, or apply a 4-mA signal shift.
• LED indicator for the error flag, EF.
• Output protection and filtering circuitry.
The XTR111EVM is initially configured to a basic setup for 0 mA to 20 mA operation with a 0-V to 5-V
input. Note that although the accuracy of the gain setting resistor, RSET, used in the EVM is 0.1%, the
XTR111 device has greater accuracy. The remaining resistors are standard 1%. The voltage regulator is
set to 5 V.
The EVM requires one external power-supply voltage with a range of 8 V to 40 V.
Refer to the XTR111 product data sheet for comprehensive information about the XTR111 and possible
device configurations. Figure 1 shows the XTR111 EVM.




Similar Part No. - XTR111

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
Precision Voltage-to-Current Converter/Transmitter
XTR111 BURR-BROWN-XTR111 Datasheet
562Kb / 27P
Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 33P
Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
More results


Similar Description - XTR111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV411EVM TI1-DRV411EVM Datasheet
574Kb / 13P
DRV411EVM Users Guide
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A Datasheet
866Kb / 105P
Software Users Guide
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
Evaluation Module Users Guide
28960-SWG-001-A MA-COM-28960-SWG-001-A_15 Datasheet
866Kb / 105P
Software Users Guide
logo
Silicon Laboratories
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
EVALUATION KIT USERS GUIDE
CP2400-DK SILABS-CP2400-DK Datasheet
1Mb / 32P
DEVELOPMENT KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
EVALUATION KIT USERS GUIDE
logo
Texas Instruments
RF430FRL152HEVM TI-RF430FRL152HEVM Datasheet
2Mb / 40P
RF430FRL152HEVM Users Guide
Revised July 2018
LM60440AQEVM TI-LM60440AQEVM Datasheet
1Mb / 14P
LM60440AQEVM Users Guide
February 2020
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com