Electronic Components Datasheet Search
  English  ▼

X  

IP175DLFI Datasheet (PDF) - List of Unclassifed Manufacturers

IP175DLFI Datasheet PDF - List of Unclassifed Manufacturers
Part # IP175DLFI
Download  IP175DLFI Download
File Size   1285.48 Kbytes
Page   145 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)

IP175DLFI Datasheet (PDF)

Go To PDF Page Download Datasheet
IP175DLFI Datasheet PDF - List of Unclassifed Manufacturers

Part # IP175DLFI
Download  IP175DLFI Click to download

File Size   1285.48 Kbytes
Page   145 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)

IP175DLFI Datasheet (HTML) - List of Unclassifed Manufacturers


IP175DLFI Product details

Features
*Wide operating temperature range
-IP175DLF (0°C to 70°C)
-IP175DLFI (-40°C to 85°C)
*Built in 6 MAC and 5 PHY
*Each port can be configured to be 10Based-T, 100Base-TX
*Up to 2K MAC addresses
*Support auto-polarity for 10Mbps
*Broadcast storm protection
*Auto MDI-MDIX
*Support three MII/RMII ports
*Layer2-4 Multi-Field classifier
-Support 8-MultiField entry
-Support traffic policy
-Support Multi-Filed filter
-Support copy to mirror port
-Support trap to CPU port
*Class of Service
-Port based, MAC address, VID, VLAN priority, IPv4 ToS, IPv6 DSCP,TCP/UDP logical port and Multi-Field
*QoS
-Support policy-based QoS
-Support 4-level priority queues per port
-WRR/WFQ/SP
*Support hardware IGMP v1,v2 snooping
*Support Port mirror
*Support 16 VLAN (IEEE Std 802.1q)
-Port-based/tagged-based VLAN
-Shared/Independent VLAN Learning
-Support insert, remove tag
-Support VLAN priority remarking
*Support STP, RSTP and MSTP
*Support port-based access control
*Supports rate control(WFQ)
-In/Out port rate control
-Traffic Policy
*Interrupt Pin
*Support special tag and QinQ header
*Support Link quality LED for 100Mbps
*Support direct, serial and dual color LED
*Built in Linear regulator control register
*Support auto power saving mode
*0.16um, 128-pin PQFP Lead Free package




Similar Part No. - IP175DLFI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R01 ETC2-IP175ALF-DS-R01 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R02 ETC2-IP175ALF-DS-R02 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R03 ETC2-IP175ALF-DS-R03 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R04 ETC2-IP175ALF-DS-R04 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
More results


Similar Description - IP175DLFI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP178A ETC1-IP178A Datasheet
1Mb / 44P
8-Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
logo
Vitesse Semiconductor C...
VSC7310-01 VITESSE-VSC7310-01 Datasheet
488Kb / 2P
24-Port 10/100/1000 and 2-Port 10 Gbps Wire-Speed Stackable Layer-2/Layer-3 Ethernet Switch
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
5 Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
logo
Vitesse Semiconductor C...
VSC7420-04 VITESSE-VSC7420-04 Datasheet
296Kb / 2P
10-Port Layer 2 Gigabit Ethernet Switch
logo
List of Unclassifed Man...
IP175G ETC2-IP175G Datasheet
752Kb / 69P
5 Port 10/100 Ethernet Integrated Switch
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
8 Port 10/100 Ethernet Integrated Switch
logo
Microsemi Corporation
VSC7511 MICROSEMI-VSC7511 Datasheet
4Mb / 324P
4-Port Layer-2 Gigabit Ethernet Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com