Electronic Components Datasheet Search
  English  ▼

X  

RJ1S Datasheet (PDF) - IDEC Corporation

RJ1S Datasheet PDF - IDEC Corporation
Part # RJ1S
Download  RJ1S Download
File Size   230.18 Kbytes
Page   3 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description General Purpose Relays

RJ1S Datasheet (PDF)

Go To PDF Page Download Datasheet
RJ1S Datasheet PDF - IDEC Corporation

Part # RJ1S
Download  RJ1S Click to download

File Size   230.18 Kbytes
Page   3 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description General Purpose Relays

RJ1S Datasheet (HTML) - IDEC Corporation


RJ1S Product details

Key features of the RJ series include:
• Compact size: 12.7 x 27 x 28.8 mm
• Contact rating: 8A (DPDT), 12A (SPDT)
• Operational life:
200K cycles at full resistive load
50 million cycles, no load
• Optional, green, non-polarized LED
• RoHS compliant




Similar Part No. - RJ1S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ1S-C-A120 ETC2-RJ1S-C-A120 Datasheet
230Kb / 3P
RJ Series - General Purpose Relays
RJ1S-C-A24 ETC2-RJ1S-C-A24 Datasheet
230Kb / 3P
RJ Series - General Purpose Relays
RJ1S-C-A240 ETC2-RJ1S-C-A240 Datasheet
230Kb / 3P
RJ Series - General Purpose Relays
RJ1S-C-D100 ETC2-RJ1S-C-D100 Datasheet
230Kb / 3P
RJ Series - General Purpose Relays
RJ1S-C-D12 ETC2-RJ1S-C-D12 Datasheet
230Kb / 3P
RJ Series - General Purpose Relays
More results


Similar Description - RJ1S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
General Purpose Relays
logo
Tyco Electronics
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
General Purpose Relays Industrial Relays
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
KUEP-11D15-125 TEC-KUEP-11D15-125 Datasheet
570Kb / 3P
General Purpose Relays Industrial Relays
Rev. 0522
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com