Electronic Components Datasheet Search
  English  ▼

X  

NG8N Datasheet (PDF) - DB Lectro Inc

NG8N Datasheet PDF - DB Lectro Inc
Part # NG8N
Download  NG8N Download
File Size   118.01 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Switching capacity up to 25A motor lock load. / High performance PCB relay

NG8N Datasheet (PDF)

Go To PDF Page Download Datasheet
NG8N Datasheet PDF - DB Lectro Inc

Part # NG8N
Download  NG8N Click to download

File Size   118.01 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Switching capacity up to 25A motor lock load. / High performance PCB relay

NG8N Datasheet (HTML) - DB Lectro Inc




Similar Part No. - NG8N

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NG8N DBLECTRO-NG8N Datasheet
293Kb / 2P
Suitable for household electrical appliance, automation system
logo
HuaXinAn Electronics CO...
NG8N HUAXINAN-NG8N Datasheet
308Kb / 1P
Small size, light weight
logo
DB Lectro Inc
NG8N1CDC12V0.64 DBLECTRO-NG8N1CDC12V0.64 Datasheet
293Kb / 2P
Suitable for household electrical appliance, automation system
NG8N1CDC12V0.80 DBLECTRO-NG8N1CDC12V0.80 Datasheet
293Kb / 2P
Suitable for household electrical appliance, automation system
NG8N1HCDC12V0.64 DBLECTRO-NG8N1HCDC12V0.64 Datasheet
293Kb / 2P
Suitable for household electrical appliance, automation system
More results


Similar Description - NG8N

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
Switching capacity up to 10A
WJ110 CIT-WJ110 Datasheet
145Kb / 2P
Load capacity of up to 15A
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
Contact load capacity up to 30A
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
Contact load capacity up to 30A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
Contact load capacity up to 150A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com