Electronic Components Datasheet Search
  English  ▼

X  

TG32 Datasheet (PDF) - Transko Electronics, Inc.

TG32 Datasheet PDF - Transko Electronics, Inc.
Part # TG32
Download  TG32 Download
File Size   405.06 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)

TG32 Datasheet (PDF)

Go To PDF Page Download Datasheet
TG32 Datasheet PDF - Transko Electronics, Inc.

Part # TG32
Download  TG32 Click to download

File Size   405.06 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)

TG32 Datasheet (HTML) - Transko Electronics, Inc.


TG32 Product details

FEATURES
• Available with output frequency from 10M~1.5GHz
• High reliability and low aging
• Available CMOS, LVDS, and LVPECL outputs
• 3.3V and 2.5V supply options




Similar Part No. - TG32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG320 ETC2-TG320 Datasheet
273Kb / 4P
THURLBY THANDAR INSTRUMENTS
logo
Seiko Instruments Inc
TG3225CEN SII-TG3225CEN Datasheet
725Kb / 2P
TCXO/VC-TCXO HIGH STABILITY, CMOS OUTPUT
logo
Epson ToYoCom
TG3225CEN EPSONTOYOCOM-TG3225CEN Datasheet
437Kb / 2P
VC-TCXO Ultra High Stablity
logo
Epson Company
TG3225CEN EPSON-TG3225CEN Datasheet
1Mb / 13P
High stability temperature compensated crystal oscillator
More results


Similar Description - TG32

ManufacturerPart #DatasheetDescription
logo
MMD Components
MSH MMD-MSH Datasheet
57Kb / 1P
3.2 X 2.5 Ceramic SMD Oscillator
logo
Transko Electronics, In...
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
THC32 TRANSKO-THC32 Datasheet
300Kb / 1P
CERAMIC HCSL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 1: Jan. 2020
THS32 TRANSKO-THS32 Datasheet
418Kb / 1P
OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 4: Jul. 2015
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
TISM2 TRANSKO-TISM2 Datasheet
165Kb / 1P
ULTRA MINIATURE SMD LVDS OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TISM3 TRANSKO-TISM3 Datasheet
314Kb / 1P
CERAMIC LVDS MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev 3: 02-02-22
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TPSM2 TRANSKO-TPSM2 Datasheet
137Kb / 1P
ULTRA MINIATURE SMD PECL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TPSM3 TRANSKO-TPSM3 Datasheet
107Kb / 1P
CERAMIC PECL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 0: Apr. 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com