Electronic Components Datasheet Search
  English  ▼

X  

TSR0.5-2425 Datasheet (PDF) - TRACO Electronic AG

TSR0.5-2425 Datasheet PDF - TRACO Electronic AG
Part # TSR0.5-2425
Download  TSR0.5-2425 Download
File Size   788.01 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Non-Isolated DC/DC Converter (POL) TSR 0.5 Series, 0.5 A

TSR0.5-2425 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSR0.5-2425 Datasheet PDF - TRACO Electronic AG

Part # TSR0.5-2425
Download  TSR0.5-2425 Click to download

File Size   788.01 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Non-Isolated DC/DC Converter (POL) TSR 0.5 Series, 0.5 A

TSR0.5-2425 Datasheet (HTML) - TRACO Electronic AG


TSR0.5-2425 Product details

• Compact SIP package
• Very high efficiency up to 97%
• Excellent line / load regulation
• Low standby current
• Operating temperature range –40 to
90°C
• Over-temperature protection
• Short circuit protection
• 3-year product warranty




Similar Part No. - TSR0.5-2425

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSR0.5-2425SM TRACOPOWER-TSR0.5-2425SM Datasheet
837Kb / 4P
Non-Isolated DC/DC Converter (POL) TSR 0.5SM Series, 0.5 A
Rev. Januaryy 11, 2023
More results


Similar Description - TSR0.5-2425

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNS5A ETC2-SNS5A Datasheet
233Kb / 2P
Non-isolated DC/DC POL converter
logo
TRACO Electronic AG
TSR0-5SM TRACOPOWER-TSR0-5SM Datasheet
837Kb / 4P
Non-Isolated DC/DC Converter (POL) TSR 0.5SM Series, 0.5 A
Rev. Januaryy 11, 2023
TSR0-6WI TRACOPOWER-TSR0-6WI Datasheet
822Kb / 5P
Non-Isolated DC/DC Converter (POL) TSR 0.6WI Series, 0.6 A
Rev. November 30, 2022
TSR1-5E TRACOPOWER-TSR1-5E Datasheet
771Kb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1.5E Series, 1.5 A
Rev. November 30, 2022
TSR1 TRACOPOWER-TSR1 Datasheet
820Kb / 3P
Non-Isolated DC/DC Converter (POL) TSR 1 Series, 1 A
Rev. November 30, 2022
TSR1E TRACOPOWER-TSR1E Datasheet
811Kb / 3P
Non-Isolated DC/DC Converter (POL) TSR 1E Series, 1 A
Rev. November 30, 2022
TSR1SM TRACOPOWER-TSR1SM Datasheet
1Mb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1SM Series, 1 A
Rev. November 30, 2022
TSR1WI TRACOPOWER-TSR1WI Datasheet
843Kb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1WI Series, 1 A
Rev. November 30, 2022
TSR2 TRACOPOWER-TSR2 Datasheet
1Mb / 4P
Non-Isolated DC/DC Converter (POL) TSR 2 Series, 2 A
Rev. November 30, 2022
TSR3 TRACOPOWER-TSR3 Datasheet
848Kb / 5P
Non-Isolated DC/DC Converter (POL) TSR 3 Series, 3 A
Rev. February 20, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com