Electronic Components Datasheet Search
  English  ▼

X  

TSN1 Datasheet (PDF) - TRACO Electronic AG

TSN1 Datasheet PDF - TRACO Electronic AG
Part # TSN1
Download  TSN1 Download
File Size   864.85 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Non-Isolated DC/DC Converter (POL) TSN 1 Series, 1 A

TSN1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSN1 Datasheet PDF - TRACO Electronic AG

Part # TSN1
Download  TSN1 Click to download

File Size   864.85 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Non-Isolated DC/DC Converter (POL) TSN 1 Series, 1 A

TSN1 Datasheet (HTML) - TRACO Electronic AG


TSN1 Product details

• Non-isolated converter for negative
output
• Small size and low profile
• Pin compatible with LM79xx linear
regulators
• No heatsink required
• High efficiency up to 96%
• Operation temp. range –40°C to +85°C
• Protection against overload, short
circuit and over-temperature
• Fixed switching frequency
• Wide input range up to –32 VDC
• Excellent line / load regulation




Similar Part No. - TSN1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
TSN10A80 NIEC-TSN10A80 Datasheet
53Kb / 2P
THYRISTOR - 10A 800V TO-262
More results


Similar Description - TSN1

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
List of Unclassifed Man...
SNS5A ETC2-SNS5A Datasheet
233Kb / 2P
Non-isolated DC/DC POL converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
TRACO Electronic AG
TSR1 TRACOPOWER-TSR1 Datasheet
820Kb / 3P
Non-Isolated DC/DC Converter (POL) TSR 1 Series, 1 A
Rev. November 30, 2022
TSR1E TRACOPOWER-TSR1E Datasheet
811Kb / 3P
Non-Isolated DC/DC Converter (POL) TSR 1E Series, 1 A
Rev. November 30, 2022
TSR1SM TRACOPOWER-TSR1SM Datasheet
1Mb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1SM Series, 1 A
Rev. November 30, 2022
TSR1WI TRACOPOWER-TSR1WI Datasheet
843Kb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1WI Series, 1 A
Rev. November 30, 2022
TSRN1 TRACOPOWER-TSRN1 Datasheet
872Kb / 4P
Non-Isolated DC/DC Converter (POL) TSRN 1 Series, 1 A
Rev. November 30, 2022
TSRN1SM TRACOPOWER-TSRN1SM Datasheet
837Kb / 4P
Non-Isolated DC/DC Converter (POL) TSRN 1SM Series, 1 A
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com