Electronic Components Datasheet Search
  English  ▼

X  

TEN25 Datasheet (PDF) - TRACO Electronic AG

TEN25 Datasheet PDF - TRACO Electronic AG
Part # TEN25
Download  TEN25 Download
File Size   223.5 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEN 25 Series, 25/30 Watt

TEN25 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN25 Datasheet PDF - TRACO Electronic AG

Part # TEN25
Download  TEN25 Click to download

File Size   223.5 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEN 25 Series, 25/30 Watt

TEN25 Datasheet (HTML) - TRACO Electronic AG


TEN25 Product details

Features
◆ Wide 2:1 input range
◆ Very high efficiency up to 89%
◆ Extended operating temperature
range –40°C to +85°C
◆ Adjustable output voltage
◆ Remote On/Off
◆ Continuous short circuit protection
◆ Over voltage protection
◆ I/O isolation 1500 VDC
◆ Input filter meets EN 55022, Class A and
FCC, Level A without external components
◆ Lead free design - RoHS compliant
◆ 3-year product warranty




Similar Part No. - TEN25

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN25-2410WI TRACOPOWER-TEN25-2410WI Datasheet
230Kb / 4P
DC/DC Converters TEN 25WI Series, 25/30 Watt
Rev. August 30, 2022
TEN25-2411WI TRACOPOWER-TEN25-2411WI Datasheet
230Kb / 4P
DC/DC Converters TEN 25WI Series, 25/30 Watt
Rev. August 30, 2022
TEN25-2412WI TRACOPOWER-TEN25-2412WI Datasheet
230Kb / 4P
DC/DC Converters TEN 25WI Series, 25/30 Watt
Rev. August 30, 2022
TEN25-2413WI TRACOPOWER-TEN25-2413WI Datasheet
230Kb / 4P
DC/DC Converters TEN 25WI Series, 25/30 Watt
Rev. August 30, 2022
TEN25-2422WI TRACOPOWER-TEN25-2422WI Datasheet
230Kb / 4P
DC/DC Converters TEN 25WI Series, 25/30 Watt
Rev. August 30, 2022
More results


Similar Description - TEN25

ManufacturerPart #DatasheetDescription
logo
Power-One
BG3020-7 POWER-ONE-BG3020-7 Datasheet
151Kb / 4P
25 Watt DC-DC Converters
IMR25 POWER-ONE-IMR25 Datasheet
122Kb / 3P
25...40 Watt DC-DC Converters
IMS25 POWER-ONE-IMS25 Datasheet
130Kb / 4P
25 Watt DC-DC Converters
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
25 to 30 Watt DC-DC Converters
logo
Tumbler Technologies + ...
TD6-16S123.3 TRUMPOWER-TD6-16S123.3 Datasheet
28Kb / 1P
DC/DC CONVERTERS 2:1 Input, 25-30 Watt
logo
TRACO Electronic AG
THL25 TRACOPOWER-THL25 Datasheet
957Kb / 5P
DC/DC Converter THL 25 Series, 25 Watt
Rev. Januaryy 19, 2023
TEN20 TRACOPOWER-TEN20 Datasheet
266Kb / 3P
DC/DC Converters TEN 20 Series, 20 Watt
Rev. March 17, 2022
TEN25WI TRACOPOWER-TEN25WI Datasheet
230Kb / 4P
DC/DC Converters TEN 25WI Series, 25/30 Watt
Rev. August 30, 2022
TEN30WI TRACOPOWER-TEN30WI Datasheet
310Kb / 4P
DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com