Electronic Components Datasheet Search
  English  ▼

X  

LTC3646EDEPBF Datasheet (PDF) - Linear Technology

LTC3646EDEPBF Datasheet PDF - Linear Technology
Part # LTC3646EDEPBF
Download  LTC3646EDEPBF Download
File Size   586.81 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 40V, 1A Synchronous Step-Down Converter

LTC3646EDEPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3646EDEPBF Datasheet PDF - Linear Technology

Part # LTC3646EDEPBF
Download  LTC3646EDEPBF Click to download

File Size   586.81 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 40V, 1A Synchronous Step-Down Converter

LTC3646EDEPBF Datasheet (HTML) - Linear Technology


LTC3646EDEPBF Product details

DESCRIPTION
The LTC®3646 is a high efficiency, step-down DC/DC
converter with internal high side and synchronous power
FETs. It draws only 140μA typical DC supply current in
Burst Mode operation at no load while maintaining output
voltage regulation.
The LTC3646 can supply up to a 1A load, and its combination
of Burst Mode operation, integrated power switches
and low quiescent current provides high efficiency over a
broad range of load currents. Alternatively, it can be used
in forced continuous mode for ripple sensitive applications.
The LTC3646 has a wide 4.0V to 40V input range and its
patented controlled on-time architecture and 0.6V reference
voltage allow for large step-down ratios without
the risk of output overvoltage. The frequency may be set
between 200kHz and 3.0MHz with a program resistor or
synchronized to an external clock.
The internal soft-start, short-circuit protection and voltage
rating make the LTC3646 a robust part ideal for high
voltage applications.

FEATURES
- Wide Input Voltage Range: 4.0V to 40V
- 1A Guaranteed Output Current
- High Efficiency: Up to 95%
- Wide Output Voltage Range
- LTC3646: 2.0V to 30V
- LTC3646-1: 0.6V to 15V
- ±1% Accurate Reference Voltage
- Internal or External Compensation
- Switching Frequency Adjustable and Synchronizable:
200kHz to 3MHz
- Selectable High Efficiency Burst Mode® Operation or
Forced Continuous Mode
- 14 Lead 3mm × 4mm DFN or Thermally Enhanced
16-Lead MSOP Packages

APPLICATIONS
- Point of Load Power Supplies
- Intermediate Bus Power
- Automotive Applications




Similar Part No. - LTC3646EDEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3646 LINER-LTC3646 Datasheet
240Kb / 16P
17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3646-1 LINER-LTC3646-1 Datasheet
240Kb / 16P
17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LTC3646-1 LINER-LTC3646-1_15 Datasheet
448Kb / 28P
40V, 1A Synchronous Step-Down Converter
LTC3646 LINER-LTC3646_15 Datasheet
448Kb / 28P
40V, 1A Synchronous Step-Down Converter
More results


Similar Description - LTC3646EDEPBF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LTC3646 LINER-LTC3646_15 Datasheet
448Kb / 28P
40V, 1A Synchronous Step-Down Converter
LTC3646-1 LINER-LTC3646-1_15 Datasheet
448Kb / 28P
40V, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9341 BELLING-BL9341 Datasheet
8Mb / 8P
600mA, 40V Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC5015A E-CMOS-EC5015A Datasheet
555Kb / 10P
2A, 40V Synchronous Step-Down Converter
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com