Electronic Components Datasheet Search
  English  ▼

X  

TEA1 Datasheet (PDF) - TRACO Electronic AG

TEA1 Datasheet PDF - TRACO Electronic AG
Part # TEA1
Download  TEA1 Download
File Size   1853.22 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEA 1 Series, 1 Watt

TEA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA1 Datasheet PDF - TRACO Electronic AG

Part # TEA1
Download  TEA1 Click to download

File Size   1853.22 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEA 1 Series, 1 Watt

TEA1 Datasheet (HTML) - TRACO Electronic AG


TEA1 Product details

• Highly cost efficient design
• I/O isolation: 1’500 VDC
• Operating temperature range
-40 to +85 °C without derating
• 5 VDC (±10%) input voltage range
• Unregulated outputs
• Efficiency up to 78%
• Industry standard SIP-4 package
• 3-year product warranty




Similar Part No. - TEA1

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEA1-0505E TRACOPOWER-TEA1-0505E Datasheet
2Mb / 3P
TEA 1E Series, 1 Watt
Rev. November 30, 2022
TEA1-0505HI TRACOPOWER-TEA1-0505HI Datasheet
1Mb / 3P
TEA 1HI Series, 1 Watt
Rev. November 30, 2022
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
Simple Phase Control Circuit
logo
List of Unclassifed Man...
TEA1007 ETC1-TEA1007 Datasheet
188Kb / 1P
TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
STMicroelectronics
TEA1014 STMICROELECTRONICS-TEA1014 Datasheet
82Kb / 6P
VIDEO AND AUDIO SIGNALS SWITCHINGS FOR THE PERI-TELEVISION PLUG
Mar-1991
More results


Similar Description - TEA1

ManufacturerPart #DatasheetDescription
logo
Power-One
CUS509 POWER-ONE-CUS509 Datasheet
42Kb / 2P
1 WATT
logo
XP Power Limited
IQ1515SA XPPOWER-IQ1515SA Datasheet
103Kb / 1P
1 Watt
ISJ1205A XPPOWER-ISJ1205A Datasheet
147Kb / 1P
1 Watt ISJ Series
IE0303SH XPPOWER-IE0303SH Datasheet
105Kb / 1P
1 Watt IE Series
logo
PEAK electronics GmbH
P6AUIU-3R33R3ELF PEAK-P6AUIU-3R33R3ELF Datasheet
440Kb / 4P
1 Watt
logo
TRACO Electronic AG
TDU1 TRACOPOWER-TDU1 Datasheet
813Kb / 4P
TDU 1 Series, 1 Watt
Rev. January 31, 2023
TEA1E TRACOPOWER-TEA1E Datasheet
2Mb / 3P
TEA 1E Series, 1 Watt
Rev. November 30, 2022
TEA1HI TRACOPOWER-TEA1HI Datasheet
1Mb / 3P
TEA 1HI Series, 1 Watt
Rev. November 30, 2022
TES1 TRACOPOWER-TES1 Datasheet
906Kb / 4P
TES 1 Series, 1 Watt
Rev. November 30, 2022
logo
Bellnix Co.,Ltd.
BUD_D BELLNIX-BUD_D Datasheet
1Mb / 14P
1 Watt BUD Series
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com