Electronic Components Datasheet Search
  English  ▼

X  

TBLC25 Datasheet (PDF) - TRACO Electronic AG

TBLC25 Datasheet PDF - TRACO Electronic AG
Part # TBLC25
Download  TBLC25 Download
File Size   1097.34 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Industrial Power Supply

TBLC25 Datasheet (PDF)

Go To PDF Page Download Datasheet
TBLC25 Datasheet PDF - TRACO Electronic AG

Part # TBLC25
Download  TBLC25 Click to download

File Size   1097.34 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Industrial Power Supply

TBLC25 Datasheet (HTML) - TRACO Electronic AG


TBLC25 Product details

• High power density in low profile case,
module depth < 55 mm
• Suitable for mounting in domestic
installation panels
• Very high efficiency and low standby
power -> compliance to ECO-Standard
• Low output ripples and spikes
• Suitable for household appliance and
industrial application
• For distributed power
• Operating temperature range: –25°C to
+70°C
• UL 508 listed
• UL 1310 class II, NEC class 2
compliance
• 3-year product warranty




Similar Part No. - TBLC25

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TBLC06 TRACOPOWER-TBLC06 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
TBLC06-105 TRACOPOWER-TBLC06-105 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
TBLC06-112 TRACOPOWER-TBLC06-112 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
TBLC06-124 TRACOPOWER-TBLC06-124 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
TBLC15 TRACOPOWER-TBLC15 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
More results


Similar Description - TBLC25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
SynQor Worldwide Headqu...
AQ0400IU2TEAIND SYNQOR-AQ0400IU2TEAIND Datasheet
2Mb / 13P
Industrial Grade AC/DC Power Supply With PFC
AQ0400IU24EAIND SYNQOR-AQ0400IU24EAIND Datasheet
2Mb / 13P
Industrial Grade AC/DC Power Supply With PFC
AQ1500IU1TTQIND SYNQOR-AQ1500IU1TTQIND Datasheet
2Mb / 11P
Industrial Grade AC/DC Power Supply With PFC
AQ1000IU12RQIND SYNQOR-AQ1000IU12RQIND Datasheet
5Mb / 11P
Industrial Grade AC/DC Power Supply With PFC
logo
TRACO Electronic AG
TBLC06 TRACOPOWER-TBLC06 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
TBLC15 TRACOPOWER-TBLC15 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
TBLC50 TRACOPOWER-TBLC50 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
TBLC75 TRACOPOWER-TBLC75 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
TBLC90 TRACOPOWER-TBLC90 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com