Electronic Components Datasheet Search
  English  ▼

X  

TM311 Datasheet (PDF) - Endress+Hauser Group Services AG

TM311 Datasheet PDF - Endress+Hauser Group Services AG
Part # TM311
Download  TM311 Download
File Size   1413.49 Kbytes
Page   40 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description Compact thermometer, Pt100, 4-wire connection, class A Optionally with integrated IO-Link and 4 to 20 mA transmitter, PC programmable

TM311 Datasheet (PDF)

Go To PDF Page Download Datasheet
TM311 Datasheet PDF - Endress+Hauser Group Services AG

Part # TM311
Download  TM311 Click to download

File Size   1413.49 Kbytes
Page   40 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description Compact thermometer, Pt100, 4-wire connection, class A Optionally with integrated IO-Link and 4 to 20 mA transmitter, PC programmable

TM311 Datasheet (HTML) - Endress+Hauser Group Services AG


TM311 Product details

Applications
• Developed for universal use in hygienic and aseptic applications in the food &
beverages and pharmaceutical industries, and for optimum standardization for
machine and skid builders.
• Measuring range :–50 to +200 °C (–58 to +392 °F)
• Pressure range: up to 50 bar (725 psi)
• Protection class: IP69
• Output
• Without electronics: Pt100 (4-wire connection)
• With electronics: IO-Link, 4 to 20 mA, 1 x PNP switch output (depending on the type of connection)

Your benefits
Quick installation and easy commissioning:
• small, compact design, made entirely of stainless steel
• M12 connection with IP69 protection for easy electrical connection
• Pt100, 4-wire connection or self-detecting, universal output (IO-Link and
4 to 20 mA)
• Can also be ordered with preconfigured measuring range
• Recommended immersion lengths for optimum measurement at the highest level
for standardization
Outstanding measurement properties thanks to innovative sensor technology:
• Extremely short response times
• Very accurate even with short immersion lengths
• Sensor-transmitter-matching increases measuring accuracy
Safe operation with certificates and approvals:
• Device safety according to EN 610101-1 and cCSAus
• Electromagnetic compatibility as per NAMUR NE21
• Diagnostics information can be selected according to NAMUR NE43
• Hygiene-compliant design with 3-A mark, EHEDG certification, ASME BPE
conformity, FDA, EC 1935/2004, EN 2023/2006, TSE/ADI, GB4806-2016 and
GB9685-2016
• Marine approval according to DNV GL




Similar Part No. - TM311

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM3110 APITECH-TM3110 Datasheet
196Kb / 1P
RF AMPLIFIER MODEL
TM3110PM APITECH-TM3110PM Datasheet
172Kb / 1P
RF AMPLIFIER MODEL
logo
TOKYO KEISO CO.,LTD.
TM3111 KEISO-TM3111 Datasheet
127Kb / 2P
MINI CONVERTOR UNIT
Dec 2022
TM3112 KEISO-TM3112 Datasheet
127Kb / 2P
MINI CONVERTOR UNIT
Dec 2022
logo
API Technologies Corp
TM3114 APITECH-TM3114 Datasheet
98Kb / 1P
RF AMPLIFIER MODEL
More results


Similar Description - TM311

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
Loop-Powered 4-20 mA Sensor Transmitter
REV. A
AD694 AD-AD694_15 Datasheet
163Kb / 16P
4-20 mA Transmitter
REV. B
logo
PHOENIX CONTACT
2700282 PHOENIX-2700282 Datasheet
236Kb / 12P
Axioline E IO-Link/analog converter for connecting an analog actuator, 4 mA 20 mA, rectangular version
logo
WAGO Kontakttechnik Gmb...
765-4203-100-000 WAGO-765-4203-100-000 Datasheet
496Kb / 13P
4-Port-IO Link Master Class A; EtherCAT; DC 24 V / 2.0 A; 4xM12
765-4103-100-000 WAGO-765-4103-100-000 Datasheet
576Kb / 13P
4-Port-IO Link Master Class A; Profinet; DC 24 V / 2.0 A; 4xM12 connection;
logo
Maxim Integrated Produc...
MAX22515 MAXIM-MAX22515 Datasheet
608Kb / 37P
IO-Link Transceiver with Integrated Protection
2021
logo
Amphenol Wilcoxon Sensi...
IT150 WILCOXON-IT150 Datasheet
565Kb / 3P
4-20 mA vibration transmitter modules
Rev.A.4 11/19
IT300 WILCOXON-IT300 Datasheet
563Kb / 3P
4-20 mA configurable vibration transmitter module
Rev.D.1 10/18
logo
WOLFSPEED, INC.
AMS4712 WOLFSPEED-AMS4712 Datasheet
607Kb / 8P
Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015 Rev. 4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com