Electronic Components Datasheet Search
  English  ▼

X  

RT9261-24CB Datasheet (PDF) - Richtek Technology Corporation

RT9261-24CB Datasheet PDF - Richtek Technology Corporation
Part # RT9261-24CB
Download  RT9261-24CB Download
File Size   219.32 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description VFM Step-up DC/DC Converter

RT9261-24CB Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9261-24CB Datasheet PDF - Richtek Technology Corporation

Part # RT9261-24CB
Download  RT9261-24CB Click to download

File Size   219.32 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description VFM Step-up DC/DC Converter

RT9261-24CB Datasheet (HTML) - Richtek Technology Corporation


RT9261-24CB Product details

General Description

The RT9261 Series are VFM Step-up DC/DC ICs with ultra low supply current by CMOS process and suitable for use with battery-powered instruments.

The RT9261 IC consists of an oscillator, a VFM control circuit, a driver transistor (LX switch), a reference voltage unit, an error amplifier, resistors for voltage detection, and a LX switch protection circuit. A low ripple and high efficiency step-up DC/DC converter can be constructed of this RT9261 IC with only three external components.



Features

• Minimal Number of External Components ( Onl an Inductor, a Diode, and a Capacitor)

• Ultra Low Input Current ( 5μA at Switch Off)

• ± 2% High Output Voltage Accuracy

• Low Ripple and Low Noise

• Low Start-up Voltage, 0.85V at 1mA

• 75% Efficiency with Low Cost Inductor

• +50 ppm/ °C Low Temperature-Drift

• SOT-89 and SOT-23-5 Small Packages

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• Power source for battery-powered equipment

• Power source for cameras, camcorders, VCRs, PDAs, pagers, electronic data banks, and hand-held communication equipment

• Power source for applications, which require higher voltage than that of batteries used in the appliances



 




Similar Part No. - RT9261-24CB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261-27GX RICHTEK-RT9261-27GX Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
RT9261-27PX RICHTEK-RT9261-27PX Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
RT9261-28PB RICHTEK-RT9261-28PB Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
More results


Similar Description - RT9261-24CB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
VFM STEP-UP DC/DC CONVERTER?
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY301 RICOH-RN5RY301 Datasheet
117Kb / 13P
VFM STEP-UP DC/DC CONVERTER CONTROLLER?
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RYXX1 RICOH-RN5RYXX1 Datasheet
434Kb / 12P
VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
VFM Step-Up DC/DC Converter
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com