Electronic Components Datasheet Search
  English  ▼

X  

SQ4937EY Datasheet (PDF) - Vishay Siliconix

SQ4937EY Datasheet PDF - Vishay Siliconix
Part # SQ4937EY
Download  SQ4937EY Download
File Size   216.76 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET

SQ4937EY Datasheet (PDF)

Go To PDF Page Download Datasheet
SQ4937EY Datasheet PDF - Vishay Siliconix

Part # SQ4937EY
Download  SQ4937EY Click to download

File Size   216.76 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET

SQ4937EY Datasheet (HTML) - Vishay Siliconix


SQ4937EY Product details

FEATURES
• TrenchFET® Power MOSFET
• 100 % Rg and UIS tested
• AEC-Q101 qualified c
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQ4937EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4937EY VISHAY-SQ4937EY Datasheet
206Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
20-May-13
SQ4937EY VISHAY-SQ4937EY Datasheet
217Kb / 9P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
23-Apr-2021
SQ4937EY VISHAY-SQ4937EY Datasheet
216Kb / 9P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 23-Apr-2021
SQ4937EY VISHAY-SQ4937EY_15 Datasheet
256Kb / 11P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
07-Nov-11
SQ4937EY VISHAY-SQ4937EY_V01 Datasheet
217Kb / 9P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
23-Apr-2021
More results


Similar Description - SQ4937EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ941EP VISHAY-SQJ941EP Datasheet
160Kb / 9P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
30-Jul-12
SQJ951EP VISHAY-SQJ951EP Datasheet
178Kb / 10P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
27-Feb-12
SQ4937EY VISHAY-SQ4937EY_15 Datasheet
256Kb / 11P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
07-Nov-11
SQ4949EY VISHAY-SQ4949EY_15 Datasheet
256Kb / 11P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
07-Nov-11
SQJ951EP VISHAY-SQJ951EP_15 Datasheet
169Kb / 11P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
27-Feb-12
SQ4953EY VISHAY-SQ4953EY Datasheet
115Kb / 7P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
30-Jul-12
SQ4949EY VISHAY-SQ4949EY_V02 Datasheet
217Kb / 9P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
23-Apr-2021
SQ3987EV VISHAY-SQ3987EV_V02 Datasheet
309Kb / 8P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
06-May-2019
SQ3989EV VISHAY-SQ3989EV_V02 Datasheet
313Kb / 8P
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
07-Mar-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com