Electronic Components Datasheet Search
  English  ▼

X  

87103CY Datasheet (PDF) - Alpha Wire

87103CY Datasheet PDF - Alpha Wire
Part # 87103CY
Download  87103CY Download
File Size   99.11 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

87103CY Datasheet (PDF)

Go To PDF Page Download Datasheet
87103CY Datasheet PDF - Alpha Wire

Part # 87103CY
Download  87103CY Click to download

File Size   99.11 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

87103CY Datasheet (HTML) - Alpha Wire


87103CY Product details

Construction
1) Component 1 3 X 1 COND
a) Conductor 22 (19/34) AWG Bare Copper 0.032
b) Insulation 0.016" Wall, Nom. TPES(Hytrel) 0.064
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color Code Alpha Wire Color Code KX
Cond Color Cond Color Cond Color
1
GREEN/YELLOW
2 BLACK#1 3 BLACK#2
2) Cable Assembly 3 Components Cabled
a) Twists: 3.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
PTFE(skived) Tape, 25% Overlap,
Min.
3) Shield
Tinned Copper SPIRAL Shield,90%
Coverage, Min.
4) Jacket
0.050" Wall, Nom.,Polyurethane
(TPU)
0.263 (0.276 Max.)
a) Color(s) BLACK
b) Jacket Separator
PTFE(skived) Tape, 25% Overlap,
Min.
c) Print
ALPHA WIRE-* P/N 87103CY
XTRAGUARD(R) FLEXIBLE TORSION CABLE - RU AWM
20234 --- LLXXXXXX CSA AWM I/II A/B 80C
600 VOLTS FT1 CE ROHS (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 87103CY

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
87103 ALPHAWIRE-87103 Datasheet
98Kb / 4P
Customer Specification
3/17/2023
More results


Similar Description - 87103CY

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com