Electronic Components Datasheet Search
  English  ▼

X  

UPD70F3102 Datasheet (PDF) - NEC

UPD70F3102 Datasheet PDF - NEC
Part # UPD70F3102
Download  UPD70F3102 Download
File Size   901.7 Kbytes
Page   185 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 32-Bit Single-Chip Microcontrollers

UPD70F3102 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD70F3102 Datasheet PDF - NEC

Part # UPD70F3102
Download  UPD70F3102 Click to download

File Size   901.7 Kbytes
Page   185 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 32-Bit Single-Chip Microcontrollers

UPD70F3102 Datasheet (HTML) - NEC


UPD70F3102 Product details

INTRODUCTION

The V850 Series™ is a collection of NEC Electronics single-chip microcontrollers that have a CPU core that uses the RISC microprocessor technology of the V800 SeriesTM, and incorporate functions such as internal ROM/RAM and peripheral I/O.

The V850 Series of microcontrollers provides a migration path to NEC Electronics’ existing 78K Series of original single-chip microcontrollers, and boasts a higher cost-performance.

The V850 Series includes products that incorporate the V850 CPU and products that incorporate the V850E CPU. The V850E/MS1 is one of the latter. This chapter briefly outlines the V850 Series.



General

Real-time control systems are used in a wide range of applications, including:

• Office equipment such as HDDs (Hard Disk Drives), PPCs (Plain Paper Copiers), printers, and facsimiles,

• Automotive electronics such as engine control systems and ABSs (Antilock Braking Systems)

• Factory automation equipment such as NC (Numerical Control) machine tools and various controllers.



Features

• High-performance 32-bit architecture for embedded control

   • Number of instructions: 81

   • 32-bit general-purpose registers: 32

   • Load/store instructions in long/short format

   • 3-operand instruction

   • 5-stage pipeline of 1 clock cycle per stage

   • Hardware interlock on register/flag hazards

   • Memory space Program space: 64 MB linear

                         Data space: 4 GB linear

• Special instructions

   • Saturation operation instructions

   • Bit manipulation instructions

   • On-chip multiplier executing multiplication in 1 to 2 clocks

      • 16 bits × 16 bits → 32 bits

      • 32 bits × 32 bits → 32 or 64 bits



 




Similar Part No. - UPD70F3102

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3102-33 NEC-UPD70F3102-33 Datasheet
476Kb / 32P
32-/16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD70F3102-33 RENESAS-UPD70F3102-33 Datasheet
660Kb / 85P
MOS INTEGRATED CIRCUITS
1999
UPD70F3102A-33 RENESAS-UPD70F3102A-33 Datasheet
749Kb / 90P
MOS INTEGRATED CIRCUITS
1998
UPD70F3102AF1-33-FA1 RENESAS-UPD70F3102AF1-33-FA1 Datasheet
749Kb / 90P
MOS INTEGRATED CIRCUITS
1998
UPD70F3102AF1-33-FA1-A RENESAS-UPD70F3102AF1-33-FA1-A Datasheet
749Kb / 90P
MOS INTEGRATED CIRCUITS
1998
More results


Similar Description - UPD70F3102

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
32-Bit Single-Chip Microcontrollers
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
32-Bit Single-Chip Microcontrollers
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com