Electronic Components Datasheet Search
  English  ▼

X  

CY7C451-30JC Datasheet (PDF) - Cypress Semiconductor

CY7C451-30JC Datasheet PDF - Cypress Semiconductor
Part # CY7C451-30JC
Download  CY7C451-30JC Download
File Size   358.09 Kbytes
Page   24 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable

CY7C451-30JC Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C451-30JC Datasheet PDF - Cypress Semiconductor

Part # CY7C451-30JC
Download  CY7C451-30JC Click to download

File Size   358.09 Kbytes
Page   24 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable

CY7C451-30JC Datasheet (HTML) - Cypress Semiconductor


CY7C451-30JC Product details

Functional Description
The CY7C451, CY7C453, and CY7C454 are high-speed, low-power, first-in first-out (FIFO) memories with clocked read and write interfaces. Both FIFOs are 9 bits wide. The CY7C451 has a 512-word by 9-bit memory array, the CY7C453 has a 2048-word by 9-bit memory array, and the CY7C454 has a 4096-word by 9-bit memory array. Devices can be cascaded to increase FIFO depth. Programmable features include Almost Full/Empty flags and generation/checking of parity. These FIFOs provide solutions for a wide variety of data buffering needs, including high-speed data acquisition, multiprocessor interfaces, and communications buffering.

Features
• High-speed, low-power, first-in first-out (FIFO) memories
• 512 x 9 (CY7C451)
• 2,048 x 9 (CY7C453)
• 4,096 x 9 (CY7C454)
• 0.65 micron CMOS for optimum speed/power
• High-speed 83-MHz operation (12 ns read/write cycle time)
• Low power — ICC=70 mA
• Fully asynchronous and simultaneous read and write operation
• Empty, Full, Half Full, and programmable Almost Empty and Almost Full status flags
• TTL compatible
• Retransmit function
• Parity generation/checking
• Output Enable (OE) pins
• Independent read and write enable pins
• Center power and ground pins for reduced noise
• Supports free-running 50% duty cycle clock inputs
• Width Expansion Capability
• Depth Expansion Capability
• Available in PLCC packages




Similar Part No. - CY7C451-30JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C456 CYPRESS-CY7C456 Datasheet
384Kb / 23P
512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C457 CYPRESS-CY7C457 Datasheet
384Kb / 23P
512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
More results


Similar Description - CY7C451-30JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
Cypress Semiconductor
CY7C441 CYPRESS-CY7C441 Datasheet
223Kb / 15P
Clocked 512 x 9, 2K x 9 FIFOs
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CYF1018V CYPRESS-CYF1018V Datasheet
921Kb / 28P
18/36/72-Mbit Programmable 2-Queue FIFOs Independent read and write ports
CYF0018V CYPRESS-CYF0018V_12 Datasheet
697Kb / 30P
18/36/72-Mbit Programmable FIFOs
CYF1018V CYPRESS-CYF1018V_12 Datasheet
655Kb / 29P
18/36/72-Mbit Programmable 2-Queue FIFOs
CYF2018V CYPRESS-CYF2018V_12 Datasheet
624Kb / 31P
18/36/72-Mbit Programmable Multi-Queue FIFOs
CYF0018V CYPRESS-CYF0018V_13 Datasheet
625Kb / 36P
18/36/72-Mbit Programmable FIFOs
logo
Analog Devices
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
Cascadable IF VGAs with Programmable RMS Detectors
4/2018-Rev. B to Rev. C
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com