Electronic Components Datasheet Search
  English  ▼

X  

SQJ460AEP Datasheet (PDF) - Vishay Siliconix

SQJ460AEP Datasheet PDF - Vishay Siliconix
Part # SQJ460AEP
Download  SQJ460AEP Download
File Size   230.58 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 60 V (D-S) 175 °C MOSFET

SQJ460AEP Datasheet (PDF)

Go To PDF Page Download Datasheet
SQJ460AEP Datasheet PDF - Vishay Siliconix

Part # SQJ460AEP
Download  SQJ460AEP Click to download

File Size   230.58 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 60 V (D-S) 175 °C MOSFET

SQJ460AEP Datasheet (HTML) - Vishay Siliconix


SQJ460AEP Product details

FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQJ460AEP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ460AEP VISHAY-SQJ460AEP Datasheet
377Kb / 13P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
19-Oct-15
SQJ460AEP VISHAY-SQJ460AEP Datasheet
231Kb / 10P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
14-Feb-2022
SQJ460AEP-T1 VISHAY-SQJ460AEP-T1 Datasheet
231Kb / 10P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
14-Feb-2022
SQJ460AEP VISHAY-SQJ460AEP_15 Datasheet
221Kb / 11P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
10-Aug-15
SQJ460AEP VISHAY-SQJ460AEP_V01 Datasheet
231Kb / 10P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
14-Feb-2022
More results


Similar Description - SQJ460AEP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ460EP VISHAY-SQJ460EP Datasheet
187Kb / 10P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
18-Jul-11
SQJ850EP VISHAY-SQJ850EP Datasheet
156Kb / 9P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
19-Dec-11
SQD15N06-42L VISHAY-SQD15N06-42L_13 Datasheet
165Kb / 9P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
20-May-13
SQ3426EV VISHAY-SQ3426EV_15 Datasheet
146Kb / 8P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
07-Sep-15
SQD97N06-6M3L VISHAY-SQD97N06-6M3L_15 Datasheet
174Kb / 10P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
28-Oct-13
SQP120N06-06 VISHAY-SQP120N06-06_15 Datasheet
154Kb / 10P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
10-Aug-15
SQ3426EV VISHAY-SQ3426EV Datasheet
258Kb / 12P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
07-Sep-15
SQJA62EP VISHAY-SQJA62EP Datasheet
197Kb / 7P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
14-Nov-16
SQM60N06-15 VISHAY-SQM60N06-15_V01 Datasheet
198Kb / 11P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
17-Oct-11
SQS164ELNW VISHAY-SQS164ELNW Datasheet
175Kb / 6P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
13-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com