Electronic Components Datasheet Search
  English  ▼

X  

2SK4090 Datasheet (PDF) - Renesas Technology Corp

2SK4090 Datasheet PDF - Renesas Technology Corp
Part # 2SK4090
Download  2SK4090 Download
File Size   374.57 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SWITCHING N-CHANNEL POWER MOS FET

2SK4090 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK4090 Datasheet PDF - Renesas Technology Corp

Part # 2SK4090
Download  2SK4090 Click to download

File Size   374.57 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SWITCHING N-CHANNEL POWER MOS FET

2SK4090 Datasheet (HTML) - Renesas Technology Corp


2SK4090 Product details

DESCRIPTION
The 2SK4090 is N-channel MOS FET device that features a low on-state resistance and excellent switching characteristics,
and designed for low voltage high current applications such as DC/DC converter with synchronous rectifier.
FEATURES
• Low on-state resistance
RDS(on)1 = 6.0 mΩ MAX. (VGS = 10 V, ID = 30 A)
RDS(on)2 = 11 mΩ MAX. (VGS = 4.5 V, ID = 30 A)
• Low gate to drain charge
QGD = 6 nC TYP. (VDD = 15 V, ID = 30 A)
• 4.5 V drive available
• Avalanche capability ratings




Similar Part No. - 2SK4090

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK409 HITACHI-2SK409 Datasheet
176Kb / 3P
SILICON N CHANNEL MOS FET
logo
VBsemi Electronics Co.,...
2SK4091 VBSEMI-2SK4091 Datasheet
960Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK4091 RENESAS-2SK4091 Datasheet
372Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2007
logo
VBsemi Electronics Co.,...
2SK4091-S27 VBSEMI-2SK4091-S27 Datasheet
960Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK4091-S27-AY RENESAS-2SK4091-S27-AY Datasheet
372Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2007
More results


Similar Description - 2SK4090

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP82N06PDG-E1-AY RENESAS-NP82N06PDG-E1-AY Datasheet
267Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
2SK3357 RENESAS-2SK3357_15 Datasheet
267Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
NP40N055EHE RENESAS-NP40N055EHE_15 Datasheet
299Kb / 12P
SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE RENESAS-NP80N055EHE_15 Datasheet
300Kb / 12P
SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE RENESAS-NP84N055EHE_15 Datasheet
306Kb / 12P
SWITCHING N-CHANNEL POWER MOS FET
2SK3484 RENESAS-2SK3484_15 Datasheet
241Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
2SK3814 RENESAS-2SK3814_15 Datasheet
252Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com