Electronic Components Datasheet Search
  English  ▼

X  

XLG-320-M Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

XLG-320-M Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # XLG-320-M
Download  XLG-320-M Download
File Size   690.25 Kbytes
Page   8 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 315W Constant Power Mode LED Driver

XLG-320-M Datasheet (PDF)

Go To PDF Page Download Datasheet
XLG-320-M Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # XLG-320-M
Download  XLG-320-M Click to download

File Size   690.25 Kbytes
Page   8 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 315W Constant Power Mode LED Driver

XLG-320-M Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


XLG-320-M Product details

Features
* Wide input range 100~305VAC(class | )
* Full power output at 75~100% constant power mode operation
* Metal case with IP67,suitable for outdoor application
* Surge protection with 6KV/4KV
* 3in 1 dimming (Dim-to-off and Isolation design)
* Protection Functions: OLP/SCP/OVP/OTP
* Lifetime>50,000 hours and 5 years warranty




Similar Part No. - XLG-320-M

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
XLG-320-M-DA2 MEANWELL-XLG-320-M-DA2 Datasheet
165Kb / 6P
320W Constant Power Mode with -2 Driver
2023-02-08
XLG-320-M-DAA MEANWELL-XLG-320-M-DAA Datasheet
165Kb / 6P
320W Constant Power Mode with -2 Driver
2023-02-08
More results


Similar Description - XLG-320-M

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELGC-300 MEANWELL-ELGC-300 Datasheet
4Mb / 10P
300W Constant Power Mode LED Driver
HVGC-480 MEANWELL-HVGC-480 Datasheet
306Kb / 11P
480W Constant Power Mode LED Driver
HVGC-650 MEANWELL-HVGC-650 Datasheet
310Kb / 10P
650W Constant Power Mode LED Driver
FDHC-100 MEANWELL-FDHC-100 Datasheet
116Kb / 5P
100W Constant Power Mode LED Driver
XBG-100 MEANWELL-XBG-100 Datasheet
3Mb / 8P
100W Constant Power Mode LED Driver
XBG-160 MEANWELL-XBG-160 Datasheet
2Mb / 8P
160W Constant Power Mode LED Driver
XBG-240 MEANWELL-XBG-240 Datasheet
1Mb / 8P
240W Constant Power Mode LED Driver
XLG-75 MEANWELL-XLG-75 Datasheet
2Mb / 9P
75W Constant Power Mode LED Driver
XLG-150 MEANWELL-XLG-150 Datasheet
725Kb / 9P
150W Constant Power Mode LED Driver
XLG-240 MEANWELL-XLG-240 Datasheet
765Kb / 8P
240W Constant Power Mode LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com