Electronic Components Datasheet Search
  English  ▼

X  

4N32 Datasheet (PDF) - Vishay Siliconix

4N32 Datasheet PDF - Vishay Siliconix
Part # 4N32
Download  4N32 Download
File Size   118.31 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output, High Gain, With Base Connection

4N32 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N32 Datasheet PDF - Vishay Siliconix

Part # 4N32
Download  4N32 Click to download

File Size   118.31 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output, High Gain, With Base Connection

4N32 Datasheet (HTML) - Vishay Siliconix


4N32 Product details

DESCRIPTION
The 4N32 and 4N33 are optically coupled isolators with a
gallium arsenide infrared LED and a solicon photodarlington
sensor.
Switching can be achieved while maintaining a high degree
of isolation between driving and load circuits.
These optocouplers can be used to replace reed and
mercury relays with advantages of long life, high speed
switching and elimination of magnetic fields.


FEATURES
• Very high current transfer ratio, 500 % min.
• High isolation resistance, 1011 Ω typical
• Standard plastic DIP package
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - 4N32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N32 MOTOROLA-4N32 Datasheet
287Kb / 6P
STANDARD THRU HOLE CASE 730A-04
logo
Vishay Siliconix
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
Optocoupler with Photodarlington Output
26-Jan-05
logo
QT Optoelectronics
4N32 QT-4N32 Datasheet
136Kb / 6P
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Siemens Semiconductor G...
4N32 SIEMENS-4N32 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
logo
Toshiba Semiconductor
4N32 TOSHIBA-4N32 Datasheet
301Kb / 6P
TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Similar Description - 4N32

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output, High Gain, With Base Connection
26-Oct-04
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
Optocoupler, Photodarlington Output, High Gain, with Base Connection
08-May-08
4N32 VISHAY-4N32_08 Datasheet
124Kb / 8P
Optocoupler, Photodarlington Output, High Gain, with Base Connection
07-May-08
4N32-X000 VISHAY-4N32-X000 Datasheet
124Kb / 8P
Optocoupler, Photodarlington Output, High Gain, with Base Connection
11-Mar-08
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
Optocoupler, Photodarlington Output, High Gain, with Base Connection
09-Jan-08
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
Optocoupler, Photodarlington Output, High Gain With Base Connection
15-Feb-11
4N33 VISHAY-4N33_V01 Datasheet
118Kb / 6P
Optocoupler, Photodarlington Output, High Gain, With Base Connection
30-Nov-17
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com