Electronic Components Datasheet Search
  English  ▼

X  

AOZ1381DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1381DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1381DI
Download  AOZ1381DI Download
File Size   2468.34 Kbytes
Page   24 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description USB Type-C PD 32mΩ Sink and 39mΩ Source Combo 2-in-1 Protection Switches

AOZ1381DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1381DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1381DI
Download  AOZ1381DI Click to download

File Size   2468.34 Kbytes
Page   24 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description USB Type-C PD 32mΩ Sink and 39mΩ Source Combo 2-in-1 Protection Switches

AOZ1381DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1381DI Product details

General Description
AOZ1381DI integrates two back-to-back power switches
and control circuitry into one single package to provide all the
functionality and protection needed for sourcing and sinking
current through a USB Type-C port with PD capability. The
device can sink current from the Type-C port through a backto-
back MOSFET with only 32mΩ ON resistance from VBUS
to VCHG pin. The VBUS operating range is from 3.4V to 22V
under sink mode with absolute maximum rating of 28V on
both VBUS and VCHG pins. There is under-voltage lockout
(UVLO) and over-voltage lockout (OVLO) on VBUS. The
sink switch has an active low enable input to support dead
battery operation and its soft-start is adjustable through an
external capacitor through the SS pin.
AOZ1381DI also offers a current-sourcing path from 5V
power supply to VBUS through a separate back-to-back
MOSFET with 39mΩ ON resistance. The input operating
range at V5V pin is from 3.4V to 5.5V. The sourcing switch
is also protected by UVLO and OVLO. There is internal
soft-start to control inrush current. The current limit can be
adjusted from 500mA to 3.5A with an external resistor. The
device has short circuit protection that shuts off the switch
quickly to prevent input droop and system brown out. The
sourcing switch also features a FON pin for fast turn-on
capability to support the Fast Role Swap (FRS) function.
AOZ1381DI has True Reverse Current Blocking (TRCB)
function in both sink and source modes. The back-to- back
MOSFET automatically prevents reverse current when the
output voltage exceeds the input voltage. The device is also
protected by thermal shutdown. There are two FLTB flags,
FLTB_SNK for sink mode and FLTB_SRC for source mode,
which are open drain outputs and each will be pulled low
independently for fault condition.
AOZ1381DI is available in a 3mm x 5.2mm DFN-20L package
and can operate from -40°C to +85°C temperature range.

Features
• 5.5A Sink Continuous Current
• 15A Sink Pulsed Current(10ms @ 2% Duty Cycle)
• Support Type-C PD sink and source mode
• 3mm x 5.2mm DFN-20L package
• Thermal shutdown protection
• IEC 61000-4-2 ±8kV on VBUS
• IEC 61000-4-5 40V on VBUS (no cap)
• ±2.5kV HBM rating
• ±1kV CDM rating
• IEC 62368-1: 2014 (2nd edition) E26264-A6006-CB-1
• UL 62368-1 E517882-A6002-UL
• Sink Switch Features:
- 32mΩ ON resistance
- 3.4V to 22V operating voltage
- VBUS and VCHG rated 28V
- True Reverse Current Blocking (TRCB)
- Programmable Over-Voltage Protection (OVP)
- Under Voltage Lock Out (UVLO)
- Programmable soft-start
- Enable active low for dead battery operation
• Source Switch Features:
- 39mΩ ON resistance
- FRS (Fast Role Swap) support
- 3.4V to 5.5V operating voltage
- True Reverse Current Blocking (TRCB)
- Programmable current limit (OCP)
- Internal soft-start
- Enable active high

Applications
• Thunderbolt/USB Type-C PD power switch
• Portable devices
• Notebooks
• Ultrabooks




Similar Part No. - AOZ1381DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1380DI AOSMD-AOZ1380DI Datasheet
2Mb / 24P
USB Type-C PD 20mΩ Sink and 39mΩ Source Combo 2-in-1 Protection Switches
Rev. 1.3 December 2020
AOZ1380DI-01 AOSMD-AOZ1380DI-01 Datasheet
2Mb / 24P
USB Type-C PD 20mΩ Sink and 39mΩ Source Combo 2-in-1 Protection Switches
Rev. 1.3 December 2020
AOZ1380DI-02 AOSMD-AOZ1380DI-02 Datasheet
2Mb / 24P
USB Type-C PD 20mΩ Sink and 39mΩ Source Combo 2-in-1 Protection Switches
Rev. 1.3 December 2020
AOZ1382DI-01 AOSMD-AOZ1382DI-01 Datasheet
2Mb / 22P
ECPower™ Type-C PD Ideal Diode Sink/Source Combo 2-in-1 Protection Switch
Rev. 1.1 September 2022
More results


Similar Description - AOZ1381DI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65994AD TI-TPS65994AD Datasheet
7Mb / 66P
TPS65994AD Dual Port USB Type-C and USB PD Controller with Integrated Source Power Switches
logo
NXP Semiconductors
NX20P3483UK NXP-NX20P3483UK Datasheet
5Mb / 43P
USB PD and Type-C high voltage sink/source combo switch with protection
Rev. 2-4 March 2019
logo
Alpha & Omega Semicondu...
AOZ1380DI AOSMD-AOZ1380DI Datasheet
2Mb / 24P
USB Type-C PD 20mΩ Sink and 39mΩ Source Combo 2-in-1 Protection Switches
Rev. 1.3 December 2020
AOZ1382DI-01 AOSMD-AOZ1382DI-01 Datasheet
2Mb / 22P
ECPower™ Type-C PD Ideal Diode Sink/Source Combo 2-in-1 Protection Switch
Rev. 1.1 September 2022
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com