Electronic Components Datasheet Search
  English  ▼

X  

130910KI Datasheet (PDF) - METZ CONNECT GmbH

130910KI Datasheet PDF - METZ CONNECT GmbH
Part # 130910KI
Download  130910KI Download
File Size   2080.37 Kbytes
Page   9 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description Extension box APZ 2 port C6Amodul Keystone

130910KI Datasheet (PDF)

Go To PDF Page Download Datasheet
130910KI Datasheet PDF - METZ CONNECT GmbH

Part # 130910KI
Download  130910KI Click to download

File Size   2080.37 Kbytes
Page   9 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description Extension box APZ 2 port C6Amodul Keystone

130910KI Datasheet (HTML) - METZ CONNECT GmbH


130910KI Product details

Product specification
• for the connection of the termination point meter position in the APZ area of the termination point line network (DMARC), equipped with
C6Amodul K 180°
• suitable for mounting on support rail in counter panel of general power supply below cover in room for additional applications to VDE-AR-N
4100
• failsafe contact with integrated dust protector slide, not sealable
• for connection of an MUC communication module
• certified to GHMT Cat.6A re-embedded PVP
• component testing for Cat.6A to ISO/IEC 11801-1, DIN EN 50173-1, ANSI/TIA-568.2-D and IEC 60603-7-51, certified to GHMT
• compliance with class EA up to 500 MHz to ISO/IEC 11801-1, DIN EN 50173-1
• tested: components up to 600 MHz, link up to 800 MHz
• suitable for 10 GBit Ethernet (IEEE 802.3an), Remote Powering (PoE, PoE plus, UPoE and 4PPoE) and HDBaseT
• connection of data lines AWG 26/1 to 22/1 (solid wire) and AWG 26/7 to 22/7 (stranded wire) to insulation displacement connectors (IDC)
• migration to 25G-systems without special tools
• plug direction of module inclined at 90° to top hat rail
• strain relief snapped on to stuffer cap
• with label window for enclosed identification labels
• cover parts in pure white RAL 9010, glossy surface
• variants: APZ 1 port, APZ 2 port




Similar Part No. - 130910KI

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130910KI METZ-130910KI Datasheet
1Mb / 10P
E-DAT modul Cat.6A K jack - Keystone style
2023/02/14 Version: AS
130910KI METZ-130910KI Datasheet
4Mb / 6P
Keystone surface mount housing 2 port pure white, unequipped
2022/07/13 Version: A
130910KI METZ-130910KI Datasheet
1Mb / 5P
Keystone surface mount housing 3 port pure white, unequipped
2022/07/13 Version: I
130910KI METZ-130910KI Datasheet
1Mb / 5P
Keystone surface mount housing 4 port pure white, unequipped
2022/12/15 Version: H
130910KI METZ-130910KI Datasheet
1Mb / 5P
Keystone surface mount housing 6 port pure white, unequipped
2022/12/21 Version: H
More results


Similar Description - 130910KI

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130910D1APLKE METZ-130910D1APLKE Datasheet
2Mb / 8P
Extension box APZ 1 port E-DAT modul Keystone
2022/12/15 Version: AH
130910D2APLKE METZ-130910D2APLKE Datasheet
1Mb / 8P
Extension box APZ 2 port E-DAT modul keystone
2022/07/14 Version: C
130B11D20002-E METZ-130B11D20002-E Datasheet
462Kb / 8P
C6Amodul 2 port 180°M AP pure white
2022/07/15 Version: AF
130B11D21002-E METZ-130B11D21002-E Datasheet
369Kb / 9P
C6Amodul 2 port 180°M UP pure white
2023/02/02 Version: AE
130B11D21200-E METZ-130B11D21200-E Datasheet
443Kb / 9P
C6Amodul 2 port 180°M UP0
2023/02/02 Version: AF
130B12D21200-E METZ-130B12D21200-E Datasheet
451Kb / 9P
C6Amodul 2 port 270°M UP0
2022/07/15 Version: AD
130B21-E METZ-130B21-E Datasheet
662Kb / 9P
C6Amodul K 180° jack - keystone style
2023/02/15 Version: AQ
130B21D1APL-E METZ-130B21D1APL-E Datasheet
239Kb / 7P
Extension box APZ 1 port C6Amodul Keystone
2022/07/19 Version: AC
130B22-E METZ-130B22-E Datasheet
1Mb / 9P
C6Amodul K 270° jack - keystone style
2023/02/15 Version: AO
130B23-E METZ-130B23-E Datasheet
1Mb / 9P
C6Amodul K 90° jack - keystone style
2023/02/15 Version: AO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com