Electronic Components Datasheet Search
  English  ▼

X  

130910-Z Datasheet (PDF) - METZ CONNECT GmbH

130910-Z Datasheet PDF - METZ CONNECT GmbH
Part # 130910-Z
Download  130910-Z Download
File Size   244.16 Kbytes
Page   7 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description REGplus IP20 E-DAT modul coupler 180°

130910-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
130910-Z Datasheet PDF - METZ CONNECT GmbH

Part # 130910-Z
Download  130910-Z Click to download

File Size   244.16 Kbytes
Page   7 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description REGplus IP20 E-DAT modul coupler 180°

130910-Z Datasheet (HTML) - METZ CONNECT GmbH


130910-Z Product details

Product specification
• equipped with E-DAT modul RJ45 coupler
• plug direction 45° downwards
• compliance with class EA according to ISO/IEC 11801, DIN EN 50173-1
• suitable for 10 GBit Ethernet (IEEE 802.3an), Remote Powering (PoE, PoE plus and UPoE) and HDBaseT
• width of 1HP allows mounting up to 12 REG plus in standard electrical distribution panels
• when mounted as a device of protection class I, the equipotential bonding is realized directly over the top hat rail by means of a switchable
integrated equipotential spring. This has to be connected to the equipotential bonding of the building by means of a bonding terminal
• variants: E-DAT modul coupler 180°, E-DAT modul coupler 90°




Similar Part No. - 130910-Z

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130910-Z METZ-130910-Z Datasheet
4Mb / 6P
Modul surface mount housing 2 port pure white, unequipped
2022/07/13 Version: B
130910-Z METZ-130910-Z Datasheet
823Kb / 6P
Modul surface mount housing 3 port pure white, unequipped
2022/07/13 Version: Q
130910-Z METZ-130910-Z Datasheet
584Kb / 6P
Modul surface mount housing 4 port pure white, unequipped
2022/07/13 Version: Q
130910-Z METZ-130910-Z Datasheet
1Mb / 6P
Modul surface mount housing 6 port pure white, unequipped
2022/07/13 Version: S
130910-Z METZ-130910-Z Datasheet
1Mb / 6P
Modul surface mount housing 8 port pure white, unequipped
2022/07/13 Version: Q
More results


Similar Description - 130910-Z

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
1309107003-E METZ-1309107003-E Datasheet
333Kb / 8P
REGplus IP20 E-DAT modul
2023/02/14 Version: AM
130910D2APLKE METZ-130910D2APLKE Datasheet
1Mb / 8P
Extension box APZ 2 port E-DAT modul keystone
2022/07/14 Version: C
1309426003-E METZ-1309426003-E Datasheet
959Kb / 7P
E-DAT modul REG 1 port IP20 light gray
2023/01/13 Version: A
1309426103-E METZ-1309426103-E Datasheet
244Kb / 5P
E-DAT modul REG unequipped IP20 light gray
2022/07/15 Version: O
1309427103-E METZ-1309427103-E Datasheet
245Kb / 6P
Modul REGplus IP20 light gray unequipped
2022/07/15 Version: Q
1309A0-I METZ-1309A0-I Datasheet
3Mb / 9P
E-DAT modul coupler 8(8) 180° class EA
2022/12/16 Version: C
1309A1-I METZ-1309A1-I Datasheet
1Mb / 7P
E-DAT modul coupler 8(8) 90° class EA
2022/12/16 Version: AN
1309A17003-E METZ-1309A17003-E Datasheet
243Kb / 7P
REGplus IP20 E-DAT modul coupler 90°
2023/02/15 Version: AB
130B117003-E METZ-130B117003-E Datasheet
250Kb / 8P
REGplus IP20 C6Amodul 180°M
2023/02/15 Version: AB
130B127003-E METZ-130B127003-E Datasheet
254Kb / 8P
REGplus IP20 C6Amodul 270°M
2023/02/15 Version: AE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com