Electronic Components Datasheet Search
  English  ▼

X  

130910-Z Datasheet (PDF) - METZ CONNECT GmbH

130910-Z Datasheet PDF - METZ CONNECT GmbH
Part # 130910-Z
Download  130910-Z Download
File Size   245.73 Kbytes
Page   6 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description Modul REGplus IP20 light gray unequipped

130910-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
130910-Z Datasheet PDF - METZ CONNECT GmbH

Part # 130910-Z
Download  130910-Z Click to download

File Size   245.73 Kbytes
Page   6 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description Modul REGplus IP20 light gray unequipped

130910-Z Datasheet (HTML) - METZ CONNECT GmbH


130910-Z Product details

Product specification
• unequipped termination unit for mounting on TH35 rail to DIN EN 60715
• for one individual module in Modul design
• variable cable feed 45° from the top or bottom, plug direction 45° downwards
• width of 1HP allows mounting up to 12 REG in standard electrical distribution panels
• when mounted as a device of protection class I, the equipotential bonding is realized directly over the rail by means of an integrated
equipotential plate. Special measures have to be taken to integrate the rail in the equipotential bonding of the building.
• a cover protects the device against direct contact. If mounted in distributor panels with protective insulation, protection class II is guaranteed.
In this case, it is necessary to remove the equipotential bonding plate.
• integrated dust protection cover (also colored)
• suitable modules for cable access 45° from the top: C6 Amodul 180°, E-DAT modul 8(8), E-DAT modul coupler 180°, UAE modul Cat.5e and
Cat.6, OpDAT modul LC-D and ST, coax modules and E2000 DC couplers
• suitable modules for cable access 45° from the bottom: C6 Amodul 270° and E-DAT modul coupler 90°
• not suitable for modules in Keystone design and C6Amodul 90°!




Similar Part No. - 130910-Z

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130910-Z METZ-130910-Z Datasheet
4Mb / 6P
Modul surface mount housing 2 port pure white, unequipped
2022/07/13 Version: B
130910-Z METZ-130910-Z Datasheet
823Kb / 6P
Modul surface mount housing 3 port pure white, unequipped
2022/07/13 Version: Q
130910-Z METZ-130910-Z Datasheet
584Kb / 6P
Modul surface mount housing 4 port pure white, unequipped
2022/07/13 Version: Q
130910-Z METZ-130910-Z Datasheet
1Mb / 6P
Modul surface mount housing 6 port pure white, unequipped
2022/07/13 Version: S
130910-Z METZ-130910-Z Datasheet
1Mb / 6P
Modul surface mount housing 8 port pure white, unequipped
2022/07/13 Version: Q
More results


Similar Description - 130910-Z

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
1309107003-E METZ-1309107003-E Datasheet
333Kb / 8P
REGplus IP20 E-DAT modul
2023/02/14 Version: AM
130920-00-E METZ-130920-00-E Datasheet
2Mb / 7P
Modul 19 inch module frame 1RU 24 Port light gray unequipped, shielded
2022/07/14 Version: O
130920-00KE METZ-130920-00KE Datasheet
370Kb / 5P
Keystone 19 inch module frame 1RU 24 port light gray unequipped, shielded
2022/07/14 Version: P
1309426003-E METZ-1309426003-E Datasheet
959Kb / 7P
E-DAT modul REG 1 port IP20 light gray
2023/01/13 Version: A
1309426103-E METZ-1309426103-E Datasheet
244Kb / 5P
E-DAT modul REG unequipped IP20 light gray
2022/07/15 Version: O
1309428103-E METZ-1309428103-E Datasheet
219Kb / 6P
Keystone REGplus IP20 light gray unequipped
2022/07/15 Version: O
1309A07003-E METZ-1309A07003-E Datasheet
244Kb / 7P
REGplus IP20 E-DAT modul coupler 180°
2023/02/15 Version: AC
1309A17003-E METZ-1309A17003-E Datasheet
243Kb / 7P
REGplus IP20 E-DAT modul coupler 90°
2023/02/15 Version: AB
130B117003-E METZ-130B117003-E Datasheet
250Kb / 8P
REGplus IP20 C6Amodul 180°M
2023/02/15 Version: AB
130B127003-E METZ-130B127003-E Datasheet
254Kb / 8P
REGplus IP20 C6Amodul 270°M
2023/02/15 Version: AE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com