Electronic Components Datasheet Search
  English  ▼

X  

WT2310 Datasheet (PDF) - Weitron Technology

WT2310 Datasheet PDF - Weitron Technology
Part # WT2310
Download  WT2310 Download
File Size   950.22 Kbytes
Page   6 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description N-Channel Enhancement Mode Power MOSFET

WT2310 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT2310 Datasheet PDF - Weitron Technology

Part # WT2310
Download  WT2310 Click to download

File Size   950.22 Kbytes
Page   6 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description N-Channel Enhancement Mode Power MOSFET

WT2310 Datasheet (HTML) - Weitron Technology


WT2310 Product details

DRAIN CURRENT 3 AMPERS

DRAIN SOUCE VOLTAGE 60 VOLTAGE



Features:

*Super High Dense Cell Design For Low RDS(ON)

RDS(ON)<90mΩ@VGS=10V

*Rugged and Reliable

*Simple Drive Requirement

*SOT-23 Package




Similar Part No. - WT2310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT231L01D1AB ETC2-WT231L01D1AB Datasheet
234Kb / 4P
Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
WT231L01D1AV2B ETC2-WT231L01D1AV2B Datasheet
234Kb / 4P
Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
WT231L01Y9AB ETC2-WT231L01Y9AB Datasheet
234Kb / 4P
Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
WT231L03D1AB ETC2-WT231L03D1AB Datasheet
234Kb / 4P
Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
WT231L03D1AV2B ETC2-WT231L03D1AV2B Datasheet
234Kb / 4P
Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
More results


Similar Description - WT2310

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com